Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1851ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Wide Range Input, Synchronous,
Step-Down DC-to-DC Controller
Data Sheet
ADP1851
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.75 V to 20 V
Output voltage range: 0.6 V to 90% VIN
Maximum output current of more than 25 A
Current mode architecture
Configurable to voltage mode
±1% output voltage accuracy over temperature
Voltage tracking
Programmable frequency: 200 kHz to 1.5 MHz
Synchronization input
Power saving mode at light load
Precision enable input
Power good with internal pull-up resistor
Adjustable soft start
Programmable current sense gain
Integrated bootstrap diode
Starts into a precharged load
Externally adjustable slope compensation
Suitable for any output capacitor
Overvoltage and overcurrent-limit protection
Thermal overload protection
Input undervoltage lockout (UVLO)
Available in 16-lead, 4 mm × 4 mm LFCSP
Supported by ADIsimPower design tool
APPLICATIONS
Intermediate bus and POL systems requiring sequencing and
tracking, including
Telecom base station and networking
Industrial and instrumentation
Medical and healthcare
GENERAL DESCRIPTION
The ADP1851 is a wide range input, dc-to-dc, synchronous
buck controller capable of running from commonly used 3.3 V
to 12 V (up to 20 V) voltage inputs. The device nominally
operates in current mode with valley current sensing providing
the fastest step response for digital loads. It can also be config-
ured as a voltage mode controller with low noise and crosstalk
for sensitive loads.
The ADP1851 is ideal in system applications requiring multiple
output voltages. The ADP1851 includes a synchronization feature
to eliminate beat frequencies between switching devices. It also
provides accurate tracking capability between supplies and
includes precision enable and power-good functions for simple,
robust sequencing.
TYPICAL OPERATION CIRCUIT
VIN
M2
M1
FB
SW
PGND
VIN
VOUT
L
DH
BST
DL
RCSG
RRAMP
RAMP
PGOOD
SYNC
SS/TRK
ILIM
EN
AGND (EP)
COMP
FREQ
VCCO
ADP1851
HIGH
LOW
Figure 1.
The ADP1851 provides a high speed, high peak current gate
driving capability to enable energy efficient power conversion.
The device can be configured to operate in power saving mode
by skipping pulses, reducing switching losses, and improving
efficiency at light load and standby conditions.
The accurate current limit allows design within a narrower
range of tolerances and can reduce overall converter size and
cost. The ADP1851 can regulate down to 0.6 V output using a
high accuracy reference with ±1% tolerance over the
temperature range of −40°C to +125°C.
With its wide range input voltage, the ADP1851 provides the
designer with maximum flexibility for use in a variety of system
configurations; loop compensation, soft start, frequency setting,
power saving mode, current limit, and current sense gain can
all be programmed using external components. In addition, the
external RAMP resistor allows the selection of optimal slope
and VIN feedforward in both current and voltage modes for
excellent line rejection. The linear regulator and the bootstrap
diode for the high-side driver are internal.
Protection features include undervoltage lockout, overvoltage,
overcurrent/short circuit, and overtemperature.


Similar Part No. - ADP1851ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850ACPZ-R7 AD-ADP1850ACPZ-R7 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850DP-EVALZ AD-ADP1850DP-EVALZ Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850SP-EVALZ AD-ADP1850SP-EVALZ Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
More results

Similar Description - ADP1851ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3833EFE LINER-LTC3833EFE Datasheet
205Kb / 8P
Wide Input Range, High Efficiency Step-Down DC/DC Converter
LTC3838EFE LINER-LTC3838EFE Datasheet
282Kb / 10P
Wide Input Range, High Efficiency Step-Down DC/DC Converter
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com