Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1851ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP1851
Data Sheet
Rev. B | Page 22 of 24
TYPICAL OPERATING CIRCUITS
M2
M1
VIN = 9V TO 15V
L
1
2
3
4
5678
9
10
14
15
16
12
DL
SW
DH
EN
ADP1851
13
11
BST
SS/TRK
COMP
FB
CIN
COUT
EP
TO VIN
1µF
2Ω
1µF
4.99kΩ
21kΩ
75pF
620pF
0.1µF
0.1µF
fSW = 600kHz
CIN: OS-CON 150µF/20V, 20SEP150M, SANYO + 2× CAP CER 10µF 25V X7R 1210, MURATA GRM32DR71E106KA12
L: 0.3µH COILCRAFT SER1408-301ME
M1: 2× INFINEON BSC052N03LS
M2: 2× INFINEON BSC0902NS
COUT: 2× POSCAP 330µF/2.5V SANYO 2R5TPE330M7 + 2× CAP CER 47µF 10V X5R 1210 MURATA GRM32ER61A476KE20 L
2.49kΩ
1.15kΩ
VOUT
1.8V
25A
140kΩ
2Ω
TO
VCCO
Figure 34. 25 A Circuit Operating in Current Mode
M2
M1
VIN = 9V TO 15V
L
100kΩ
1
2
3
4
56
78
9
10
14
15
16
12
DL
SW
DH
EN
ADP1851
13
11
BST
SS/TRK
COMP
FB
CIN
COUT
EP
TO VIN
1µF
2Ω
1µF
32.4kΩ
21.5kΩ
75pF
1600pF
0.1µF
0.1µF
fSW = 300kHz
CIN: OS-CON 150µF/20V, 20SEP150M, SANYO + CAP CER 10µF 25V X7R 1210, MURATA GRM32DR71E106KA12
L: 1µH COILCRAFT SER1412-102ME
M1: INFINEON BSC052N03LS
M2: INFINEON BSC0902NS
COUT: POSCAP 330µF/6.3V SANYO 6TPE330MFL + CAP CER 22µF 10V X5R 1210 MURATA GRM32ER61A226KE20L
7.15kΩ
2.74kΩ
VOUT
3.3V
25A
196kΩ
2kΩ
510pF
Figure 35. 25 A Circuit Operating in Voltage Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com