Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1851ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP1851
Data Sheet
Rev. B | Page 14 of 24
SHORT-CIRCUIT AND CURRENT-LIMIT
PROTECTION
When the output is shorted or the output current exceeds the
current limit set by the current-limit setting resistor (between
ILIM and SW) for eight consecutive cycles, the ADP1851 shuts
off both the high-side and low-side drivers and restarts the soft
start sequence every 10 ms, which is known as hiccup mode.
The SS node discharges to zero through an internal 3 kΩ resistor
during an overcurrent or short-circuit event. Figure 22 shows
that the ADP1851 on a high current application circuit maintains
current-limit hiccup mode when the output is shorted.
M 4ms 2.5MS/s
400ns/pt
A CH4
18.2V
B
W
2
3
CH3 10V
CH2 1V
CH4 10A
B
W
B
W
SW
VOUT
INDUCTOR
CURRENT
4
Ω
Figure 22. Current-Limit Hiccup Mode, 30 A Current Limit
ENABLE/DISABLE CONTROL
The EN pin is used to enable or disable the ADP1851 controller;
the typical precision enable threshold is 0.63 V. When the voltage at
EN rises above the threshold voltage, the controller is enabled and
starts normal operation after initialization of the internal oscillator,
references, settings, and the soft start period. When the voltage
at EN falls to typically 30 mV (hysteresis) below the threshold
voltage, the driver and the internal controller circuits in the
ADP1851 are turned off. The initial settings are still valid;
therefore, reenabling the controller does not change the settings
until the power at the VIN pin is cycled. In addition, the EN
signal does not shut down the LDO regulator at VCCO, which
is always active when VIN is above the UVLO threshold.
For the purpose of start-up power sequencing, the startup of the
ADP1851 can be programmed by connecting an appropriate
resistor divider from the master power supply to the EN pin, as
shown in Figure 23. For example, if the desired start-up voltage
from the master power supply is 10 V, R1 and R2 can be set to
156 kΩ and 10 kΩ, respectively.
ADP1851
FB
EN
RBOT
RTOP
MASTER
SUPPLY
VOLTAGE
VOUT
R2
R1
Figure 23. Optional Power-Up Sequencing Circuit
THERMAL OVERLOAD PROTECTION
The ADP1851 has an internal temperature sensor that senses the
junction temperature of the chip. When the junction tempera-
ture of the ADP1851 reaches approximately 155°C, the ADP1851
goes into thermal shutdown, the converter is turned off, and the
SS/TRK pin discharges toward zero through an internal 3 kΩ
resistor. At the same time, VCCO discharges to zero. When the
junction temperature falls below 135°C, the ADP1851 resumes
normal operation after the soft start sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com