Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1851ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1851ACPZ-R7
Description  Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1851ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1851ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1851ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADP1851
Rev. B | Page 5 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SYNC Logic Input Low
1.3
V
SYNC Logic Input High
1.9
V
SYNC Input Pull-Down Resistance
RSYNC
1
MΩ
GATE DRIVERS
DH Rise Time
CDH = 3 nF, VBST − VSW = 5 V
16
ns
DH Fall Time
CDH = 3 nF, VBST − VSW = 5 V
14
ns
DL Rise Time
CDL = 3 nF
16
ns
DL Fall Time
CDL = 3 nF
14
ns
DH to DL Dead Time
External 3 nF connected to DH and DL
25
ns
DH or DL Driver RON, Sourcing
Current1
RON_SOURCE
Sourcing 2 A with a 100 ns pulse
2
Ω
Sourcing 1 A with a 100 ns pulse, VIN = 3 V
2.3
Ω
DH or DL Driver RON, Tempco
TCRON
VIN = 3 V or 12 V
0.3
%/°C
DH or DL Driver RON, Sinking
Current1
RON_SINK
Sinking 2 A with a 100 ns pulse
1.5
Ω
Sinking 1 A with a 100 ns pulse, VIN = 3 V
2
Ω
DH Maximum Duty Cycle1
fOSC = 300 kHz
90
%
fOSC = 1500 kHz
50
%
Minimum DH On Time
fOSC = 200 kHz to 1500 kHz
85
ns
Minimum DH Off Time
fOSC = 200 kHz to 1500 kHz
345
ns
Minimum DL On Time
fOSC = 200 kHz to 1500 kHz
295
ns
COMP VOLTAGE RANGE
COMP Pulse Skip Threshold
VCOMP,THRES
In pulse skip mode (PSM)
0.9
V
COMP Clamp High Voltage
VCOMP,HIGH
2.2
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TTMSD
155
°C
Thermal Shutdown Hysteresis
20
°C
OVERVOLTAGE AND POWER-GOOD
THRESHOLDS
FB Overvoltage Threshold
VOV
VFB rising
0.630
0.65
0.670
V
FB Overvoltage Hysteresis
18
mV
FB Undervoltage Threshold
VUV
VFB falling
0.525
0.55
0.575
V
FB Undervoltage Hysteresis
15
mV
SOFT START/TRACK
SS/TRK Output Current
ISS
During startup
4.6
6.5
8.4
µA
SS/TRK Pull-Down Resistor
During a fault condition
3
kΩ
SS/TRK Input Voltage Range1
0
5
V
FB to SS/TRK Offset
VSS/TRK = 0.1 V to 0.6 V; offset = VFB − VSS/TRK
−10
+10
mV
PGOOD
PGOOD Pull-Up Resistor
RPGOOD
Internal pull-up resistor to VCCO
12.5
kΩ
PGOOD Delay
12
µs
Overvoltage or Undervoltage
Minimum Duration
Minimum duration required to trigger the
PGOOD signal
10
µs
ILIM Threshold Voltage1
Relative to PGND
−5
0
+5
mV
ILIM Output Current
ILIM = PGND
45
50
55
µA
Current Sense Blanking Period
After DL goes high; current limit is not sensed
during this period
100
ns
INTEGRATED RECTIFIER
(BOOST DIODE) RESISTANCE
At 20 mA forward current
16
Ω
ZERO CURRENT CROSS OFFSET
(SW TO PGND)1
In pulse skip mode only; fOSC = 300 kHz
0
2
4
mV
1
Guaranteed by design.
2
Connect VIN to VCCO when VIN < 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com