Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1974ARUZ-R7 Datasheet HTML 1Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 2Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
ADP1974
Rev. 0 | Page 5 of 19
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, EN, FAULT to GND
−0.3 V to +61 V
SYNC, COMP, MODE, VREG to GND
−0.3 V to +5.5 V
DH, DL, SS, DMAX, SCFG, CL, DT,
FREQ to GND
−0.3 V to VREG + 0.3 V
Operating Ambient Temperature Range
−40°C to +85°C
Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Absolute maximum ratings apply individually only, not in
combination.
THERMAL OPERATING RANGES
The ADP1974 can be damaged when the junction temperature
limits are exceeded. The maximum operating junction
temperature (TJ MAX) takes precedence over the maximum
operating ambient temperature (TA MAX). Monitoring ambient
temperature does not guarantee that the junction temperature
(TJ) is within the specified temperature limits.
In applications with high power dissipation and poor printed
circuit board (PCB) thermal resistance, the maximum ambient
temperature may need to be derated. In applications with
moderate power dissipation and low PCB thermal resistance,
the maximum ambient temperature can exceed the maximum
limit when the junction temperature is within specification
limits.
The junction temperature (TJ) of the device is dependent on the
ambient temperature (TA), the power dissipation of the device
(PD), and the junction to ambient thermal resistance of the
package (θJA). Use the following equation to calculate the
maximum junction temperature (TJ) from the ambient
temperature (TA) and power dissipation (PD):
TJ = TA + (PD × θJA)
(1)
For additional information on thermal resistance, refer to
Application Note AN-000, Thermal Characteristics of IC
Assembly.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com