Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADP1974
Rev. 0 | Page 7 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VEN = VFAULT = 24 V, VMODE = VCL = VSS = VCOMP = 0 V, TA = 25°C, unless otherwise noted.
5.8
5.7
5.6
5.5
5.4
5.3
5.2
–40
–5
30
65
100
TEMPERATURE (°C)
RISING
FALLING
Figure 3. Input Voltage (VIN) UVLO Threshold vs. Temperature,
VFAULT = 0 V
30
0
5
10
15
20
25
660
51
42
33
24
15
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 4. Shutdown Current vs. Input Voltage, VEN = 0 V and VFAULT = 0 V
1.9
1.3
1.4
1.5
1.6
1.7
1.8
660
51
42
33
24
15
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 5. Nonswitching Quiescent Current vs. Input Voltage (SYNC = Floating)
0.45
0.15
0.20
0.25
0.30
0.35
0.40
660
51
42
33
24
15
EN PIN VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 6. EN Pin Current vs. EN Pin Voltage, VEN = 5 V and VFAULT = 0 V
1.25
1.20
1.21
1.22
1.23
1.24
–40
–5
30
65
100
TEMPERATURE (°C)
RISING
FALLING
Figure 7. EN Pin Threshold vs. Temperature, VFAULT = 0 V
5.00
4.88
4.90
4.92
4.94
4.96
4.98
–40
120
80
40
0
TEMPERATURE (°C)
VIN = 6V
VIN = 24V
VIN = 60V
Figure 8. SS Pin Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com