Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 2Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADP1974
Data Sheet
Rev. 0 | Page 6 of 19
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADP1974
TOP VIEW
(Not to Scale)
DH
VREG
VIN
SYNC
MODE
EN
DL
FAULT
GND
DT
SCFG
SS
COMP
DMAX
FREQ
CL
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DL
Logic Drive Output for the External Low-Side MOSFET Driver.
2
DH
Logic Drive Output for the External High-Side MOSFET Driver.
3
VREG
Internal Voltage Regulator Output and Internal Bias Supply. A bypass capacitance of 1 μF or greater from this pin
to ground is required.
4
VIN
High Input Voltage Supply Pin (6 V to 60 V). Bypass this pin with a 4.7 μF capacitor to ground.
5
EN
Logic Enable Input. Drive EN logic low to shut down the device. Drive EN logic high to turn on the device.
6
MODE
Mode Select. Drive MODE logic low to place the device in boost (recycle) mode. Drive MODE logic high to place
the device in buck (charge) mode of operation. The MODE status is sampled at EN rising or FAULT falling (see the
Operating Modes section).
7
SYNC
Synchronization Pin. This pin is configured as an input (slave mode) with SCFG < 4.51 V to synchronize the ADP1974
to an external clock. This pin is an open-collector driver output with SCFG > 4.53 V (or SCFG connected to VREG).
When configured as an output, SYNC is used to synchronize with other channels; a 10 kΩ resistor to VREG can be
used as a pull-up.
8
FAULT
Fault Input Pin. Drive FAULT low to disable the DL and DH drivers in the event of a fault. Drive FAULT high to enable
the DL and DH drivers. FAULT can also reset the mode of operation as described in the Operating Modes section.
This pin was designed to interface with the overcurrent protection (OCP) or overvoltage protection (OVP) fault
condition on the AD8450/AD8451.
9
COMP
PWM Modulator Input. This pin interfaces with an error amplifier output signal from the AD8450/AD8451. The
signal on this pin is compared internally to the linear ramp to produce the PWM signal. Do not leave this pin
floating; see the External COMP Control section for additional details.
10
SS
Soft Start Control Pin. A capacitor connected from SS to ground sets the soft start ramp time. Soft start controls the
DL and DL duty cycle during power-up to reduce the inrush current. Drive SS below 0.5 V to disable switching of DL
and DH. During soft start, the ADP1974 operates in pseudosynchronous mode (see the Soft Start section).
11
DMAX
Maximum Duty Cycle Input. Connect an external resistor to ground to set the maximum duty cycle. If the 97%
internal maximum duty cycle is sufficient for the application, tie this pin to VREG. If DMAX is left floating, this pin
is internally pulled up to VREG.
12
FREQ
Frequency Set Pin. Connect an external resistor between this pin and ground to set the frequency between 50 kHz
and 300 kHz. When the ADP1974 is synchronized to an external clock (slave mode), set the slave frequency to 90%
of the master frequency by multiplying the master RFREQ value times 1.11.
13
SCFG
Synchronization Configuration Input. Drive VSCFG ≥ 4.53 V (typical) to configure SYNC as an output clock signal.
Drive VSCFG < 4.51 V (typical) to configure SYNC as an input. Connect a resistor to ground with 0.52 V < VSCFG < 4.53 V
(typical) to introduce a phase shift to the synchronized clock. Drive VSCFG ≤ 0.5 V (typical) to configure SYNC as an
input with no phase shift. If SCFG is left floating, the SYNC pin is internally tied to VREG, and SYNC is configured as
an output.
14
DT
Dead Time Programming Pin. Connect an external resistor between this pin and ground to set the dead time.
Do not leave this pin floating.
15
GND
Power and Analog Ground Pin.
16
CL
Current-Limit Programming Pin. Connect a current sense resistor in series with the low-side FET source to measure
the peak current in the inductor. The current-limit thresholds can operate with a 20 kΩ resistor as described in the
Peak Current-Limit Hiccup Implementation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com