Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
ADP1974
Rev. 0 | Page 11 of 19
When operating with an input voltage above 50 V, additional
input filtering is recommended. Figure 21 shows the
recommended filter configuration.
VIN
SUPPLY > 50V
4.7µF
C
ADP1974
R
Figure 21. Recommended Filter Configuration for
Input Voltages Greater than 50 V
EN/SHUTDOWN
The EN input turns the ADP1974 on or off and can operate
from voltages up to 60 V. The EN pin is designed with precision
enable control. When the EN voltage is less than 1.22 V (typical),
the ADP1974 shuts down, VREG is disabled, and both DL and
DH are driven low. When the ADP1974 shuts down, the VIN
supply current is 15 μA (typical). When the EN voltage is greater
than 1.25 V (typical), the ADP1974 is enabled, and VREG ramps
to 5 V.
In addition to the EN pin, the device can be disabled via a fault
condition indicated by an internal TSD event, a UVLO condition
on VIN, or an external fault condition signaled via the FAULT pin.
It is necessary to disable the device to change the operating
mode from buck to boost.
UNDERVOLTAGE LOCKOUT (UVLO)
The UVLO function prevents the IC from turning on when the
input voltage is below the specified operating range to avoid an
undesired operating mode. When VIN rises, the UVLO does
not allow the ADP1974 to turn on unless VIN is greater than
5.71 V (typical). The UVLO disables the device when VIN
drops below 5.34 V (typical). The UVLO levels have ~370 mV
of hysteresis to prevent the system from turning on and off
repeatedly when there is a slow voltage ramp on the VIN pin.
SOFT START
The ADP1974 has a programmable soft start that prevents
output voltage overshoot during startup. When the ADP1974 is
enabled with the EN pin, the VREG voltage begins rising to 5 V.
When VREG reaches 90% of its 5 V (typical) value, the 5 μA
(typical) internal soft start current (ISS) begins charging the soft
start capacitor (CSS), causing the voltage on the SS pin (VSS) to rise.
While VSS is less than 0.52 V (typical), the ADP1974 switching
control remains disabled. When VSS reaches 0.52 V (typical),
switching is enabled. As CSS continues to charge and VSS rises, the
PWM duty cycle gradually increases, allowing the output
voltage to rise linearly. CSS continues to charge, and VSS rises to
the internal VREG voltage (5 V typical). When the system duty
cycle set by COMP is less than the soft start duty cycle, the external
control loop takes control of the ADP1974. See Figure 22 for a
soft start diagram.
When the device shuts down or a fault is detected, an active
internal 1 kΩ pull-down resistor on the SS pin discharges CSS.
VREG
4.5V
VOUT
0.52V
0V
VSS
ENABLE
ADP1974
BEGIN
REGULATION
SYNCHRONOUS
OPERATION
tREG
Figure 22. Soft Start Diagram
The MODE pin controls the ADP1974 duty cycle generator and
affects the DL and DH signals during soft start. In buck mode,
a DH pulse initiates the on time (or Phase 1). In boost mode, a
DL pulse initiates the on time. For more information about
buck vs. boost operation, see the Operating Modes section.
During soft start, the ADP1974 operates in asynchronous mode,
and the synchronous FET is not driven. During the off cycle, the
diode in parallel to the low-side FET (buck mode) or the high-
side FET (boost mode) conducts the current until it reaches zero
or the next cycle begins. After the soft start period is completed
(SS > 4.5 V), the ADP1974 switches to full synchronous mode.
OPERATING MODES
The ADP1974 operates as a synchronous buck or boost controller.
When the MODE pin is driven high, above the 1.20 V (typical)
threshold, the ADP1974 operates in a buck configuration for
battery charging. If the MODE pin is driven low, below the
1.05 V (typical) threshold, the ADP1974 operates in a boost
configuration. A boost configuration is ideal for discharging
in battery formation applications. See Figure 23 and Figure 24
for the ADP1974 behavior in each mode. When the ADP1974
is enabled, the internal regulator connected to the VREG pin also
powers up. On the rising edge of VREG, the state of the MODE pin
is latched, preventing the mode of operation from being changed
while the device is enabled. To change between boost and buck
modes of operation, shut down or disable the ADP1974, adjust the
MODE pin to change the operating mode, and restart the system.
The operating mode can be changed when the EN pin is driven
low, the FAULT pin is driven low, or the ADP1974 is disabled
via a TSD event or UVLO condition. On the rising edge of the
FAULT control signal, the state of the MODE pin is latched,
preventing the mode of operation from being changed while
the device is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com