Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADP1974
Data Sheet
Rev. 0 | Page 10 of 19
THEORY OF OPERATION
FREQ
SYNC
VIN
VIN
VBG = 1.252V
SYNC
DETECT
5µA
VREG
SS DISCHARGE
COMP
SS
FAULT
RS
GND
EN
ADP1974
VREG
AD8450
AD8450
DMAX
SCFG
TSD
VREG
UVLO
BAND GAP
MODE
VREG
DH
DL
DRIVE
LOGIC
OSCILLATOR
CONFIG
DETECT
CL
VREG
EXTERNAL
DRIVER
5V
15V
24V
VOUT
500mV
450mV
300mV
MODE
SELECT
4V
IFREQ
ISS
ICL
20µA
IDT
20µA
MODE
SELECT
PGND
AGND
1MΩ
1MΩ
1MΩ
1kΩ
IFREQ
IFREQ
RCL
20kΩ
CIN
4.7µF
CVREG
1µF
COUT
L
M1
M2
RFREQ
CSS
RDMAX
CDMAX
VREG = 5V
8.5MΩ
VREG
VREG
VREG
10µA
RDT
CDT
DT
1.64pF
VREG
Figure 20. Internal Block Diagram
The ADP1974 is a constant frequency, voltage mode, synchronous,
PWM controller for bidirectional dc-to-dc applications. The
ADP1974 is designed to be used with an external, high voltage
FET half bridge driver, such as the ADuM7223, and an external
error amplifier AFE device, such as the AD8450/AD8451, to
implement a battery testing, charging, and discharging system.
The ADP1974 has a high input voltage range, multiple externally
programmed control pins, and integrated safety features. In
buck mode, the device charges a battery and delivers energy
from the input power source to the output. In boost mode, the
device discharges a battery and delivers energy from the battery
to the input. In both modes, the ADP1974 operates as a
synchronous controller for maximum efficiency.
SUPPLY PINS
The ADP1974 has two voltage supply pins, VIN and VREG.
The VIN pin operates from an external supply that ranges from
6 V to 60 V and is the supply voltage for the internal linear
regulator of the ADP1974. Bypass the VIN pin to ground with a
4.7 μF or greater ceramic capacitor.
The VREG pin is the output of the internal linear regulator. The
internal regulator generates the 5 V (typical) rail that is used
internally to bias the control circuitry and can be used externally
as a pull-up voltage for the MODE, SYNC, DMAX, and FAULT
pins. Bypass the VREG pin to ground with a 1 μF ceramic
capacitor. VREG is disabled when EN is low and is active as
long as VIN is above the internal UVLO (5.71 V typical) and
EN is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com