Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADP1974
Data Sheet
Rev. 0 | Page 8 of 19
97.8
97.2
97.3
97.4
97.5
97.6
97.7
660
51
42
33
24
15
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 9. Maximum Internal Duty Cycle vs. Input Voltage,
RFREQ = 100 kΩ, VCOMP = 5 V, and No Load on DL, DH, or DMAX
450
0
50
100
150
200
250
300
400
350
0
20406080
100
DUTY CYCLE (%)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 10. RDMAX vs. Duty Cycle, RFREQ = 100 kΩ, VCOMP = 5 V, and
No Load on DL or DH
100
80
60
40
20
0
0.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
VCOMP (V)
TA = –40°C
TA = +25°C
TA = +125°C
Figure 11. Duty Cycle vs. VCOMP, RFREQ = 100 kΩ, and
No Load on DL, DH, or DMAX
210
30
50
70
90
110
130
150
170
190
50
100
150
200
250
300
fSET (kHz)
Figure 12. RFREQ (MASTER) vs. Switching Frequency (fSET)
5.020
4.990
4.995
5.000
5.005
5.010
5.015
660
51
42
33
24
15
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 13. VREG vs. Input Voltage, No Load
5.020
4.980
4.985
4.990
4.995
5.000
5.005
5.010
5.015
05
4
3
2
1
LOAD CURRENT (mA)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 14. VREG vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com