Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
ADP1974
Rev. 0 | Page 13 of 19
NEGATIVE CURRENT-LIMIT DETECTION (BUCK
MODE)
The ADP1974 detects negative current in the inductor in buck
mode with a comparator on the CL pin set to 450 mV, as shown in
Figure 27. When the current in the low-side FET drops below the
limit (negative 50 mV on RS), the DL driver immediately disables,
which is used as a negative current limit in buck mode, detecting the
equivalent of ½ the positive peak current.
VREG
RS
CL
450mV
ICL
20µA
RCL
20kΩ
M2
MODE
SELECT
H
H = BUCK
L = BOOST
L
Figure 27. Block Diagram for Negative Current-Limit Protection
PWM FREQUENCY CONTROL
The FREQ, SYNC, and SCFG pins determine the source,
frequency, and synchronization of the clock signal that operates
the PWM control of the ADP1974.
Internal Frequency Control
The ADP1974 frequency can be programmed with an external
resistor connected between FREQ and ground. The frequency
range can be set from a minimum of 50 kHz to a maximum of
300 kHz. If the SCFG pin is tied to VREG, forcing VSCFG ≥ 4.53 V
(typical), or if the SCFG pin is left floating, the SYNC pin is
configured as an output, and the ADP1974 operates at the
frequency set by RFREQ, which outputs from the SYNC pin through
the open-drain device. The output clock of the SYNC pin operates
with a 50% (typical) duty cycle. In this configuration, the SYNC pin
can synchronize other switching regulators in the system to the
ADP1974. When the SYNC pin is configured as an output, an
external pull-up resistor is needed from the SYNC pin to an
external supply. The VREG pin of the ADP1974 can be used as
the external supply rail for the pull-up resistor.
External Frequency Control
When VSCFG ≤ 0.5 V (typical), the SYNC pin is configured as an
input, the ADP1974 synchronizes to the external clock applied
to the SYNC pin, and the ADP1974 operates as a slave device.
This synchronization allows the ADP1974 to operate at the
same switching frequency with the same phase as other
switching regulators or devices in the system. When operating
the ADP1974 with an external clock, select RFREQ to provide a
frequency that approximates but is not equal to the external
clock frequency, which is further explained in the Applications
Information section.
Operating Frequency Phase Shift
When the voltage applied to the SCFG pin is 0.65 V < VSCFG <
4.25 V, the SYNC pin is configured as an input, and the ADP1974
synchronizes to a phase shifted version of the external clock
applied to the SYNC pin. To adjust the phase shift, place a resistor
(RSCFG) from SCFG to ground. The phase shift reduces the input
supply ripple for systems containing multiple switching power
supplies.
MAXIMUM DUTY CYCLE
The maximum duty cycle of the ADP1974 can be externally
programmed to any value between 0% and 97% via an external
resistor on the DMAX pin connected from DMAX to ground.
The maximum duty cycle defaults to 97% if DMAX is left floating,
if DMAX is tied to VREG, or if DMAX is programmed to a
value greater than 97%.
EXTERNAL FAULT SIGNALING
The ADP1974 is equipped with a FAULT pin that signals the
ADP1974 when an external fault condition occurs. The external
fault signal stops PWM operation of the system to avoid damage
to the application and components. When a voltage less than
1.05 V (typical) is applied to the FAULT pin, the ADP1974 is
disabled. In this state, the DL and DH PWM drive signals are
both driven low to prevent switching, and the soft start capacitor
(CSS) is discharged with a 1 kΩ resistance. When a voltage greater
than 1.2 V (typical) is applied to the FAULT pin, the ADP1974
begins switching. A voltage ranging from 0 V to 60 V can be
applied to the FAULT pin of the ADP1974.
THERMAL SHUTDOWN (TSD)
The ADP1974 has a TSD protection circuit. The thermal shutdown
triggers and disables switching when the junction temperature
of the ADP1974 reaches 150°C (typical). While in TSD, the DL
and DH signals are driven low, the CSS capacitor discharges to
ground, and VREG remains high. When the junction temperature
decreases to 135°C (typical), the ADP1974 restarts the application
control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com