Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 17Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 18Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ADP1974
Data Sheet
Rev. 0 | Page 16 of 19
Programming the Dead Time
To adjust the dead time on the synchronous DH and DL
outputs, connect a resistor (RDT) from DT to GND and bypass
with a 47 pF capacitor. Select RDT for a given dead time using
Figure 30 or calculate RDT using the following equations. To
reach a single equation for RDT, combine the equations for VDT
and RDT.



3.76
28.51
ns
V
DEAD
DT
DT
t
I
V
(11)
DT
DT
DT
I
V
R
(12)
where:
VDT is the DT pin programming voltage.
IDT is the 20 μA (typical) internal current source.
tDEAD is the desired dead time in ns.
RDT is the resistor value in kΩ for the desired dead time.
To calculate RDT for a given tDEAD, the resulting equation used is


3.76
28.51
ns
kΩ
DEAD
DT
t
R
(13)
0
25
50
75
100
125
150
175
0
100
200
300
400
500
600
700
tDEAD (ns)
Figure 30. DT Pin Resistance (RDT) vs. Dead Time (tDEAD)
PROGRAMMING THE MAXIMUM DUTY CYCLE
The ADP1974 is designed with a 97% (typical) maximum
internal duty cycle. By connecting a resistor from DMAX to
ground, the maximum duty cycle can be programmed at any
value from 0% to 97%, by using the following equation:

5
.
10
5
.
21
%
FREQ
DMAX
FREQ
MAX
R
R
V
D
(14)
where:
DMAX is the programmed maximum duty cycle.
VFREQ = 1.252 V (typical).
RDMAX is the value of the resistance used to program the
maximum duty cycle.
RFREQ is the frequency set resistor used in the application.
The DMAX current source is equivalent to the programmed
current of the FREQ pin:
FREQ
FREQ
FREQ
DMAX
R
V
I
I
(15)
where IDMAX = IFREQ is the current programmed on the
FREQ pin.
DUTY CYCLE (%)
0
50
100
150
200
250
300
350
400
450
020
60
80
100
40
TA = +25°C
Figure 31. RDMAX vs. Duty Cycle, RFREQ = 100 kΩ, VCOMP = 5 V
The maximum duty cycle of the ADP1974 is 97% (typical). If
the resistor on DMAX sets a maximum duty cycle larger than
97%, the ADP1974 defaults to its internal maximum. If the 97%
internal maximum duty cycle is sufficient for the application, tie
the DMAX pin to VREG or leave it floating.
The CDMAX capacitor connected from the DMAX pin to the
ground plane must be 47 pF or greater.
ADJUSTING THE SOFT START PERIOD
The ADP1974 has a programmable soft start feature that
prevents output voltage overshoot during startup. Refer to
Figure 22 for a soft start diagram. To calculate the delay time
before switching is enabled (tREG), use the following equation:
SS
SS
REG
C
I
t
 0.52
(16)
where:
ISS = 5 μA, typical.
CSS is the soft start capacitor value.
The output voltage rising ramp is then proportional to the ramp
on SS and the input voltage of the ADP1974.
SS
SS
RAMP
C
I
t
 4
(V/s)
)
s
(
RAMP
IN
OUT
t
V
Time
V
RAMP_RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com