Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 17Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ADP1974
Data Sheet
Rev. 0 | Page 14 of 19
APPLICATIONS INFORMATION
The ADP1974 has many programmable features that are
optimized and controlled for a given application. The ADP1974
provides pins for selecting the operating mode, controlling the
current limit, selecting an internal or external clock, setting the
operating frequency, phase shifting the operating frequency,
programming the dead time, programming the maximum duty
cycle, and adjusting the soft start.
BUCK OR BOOST SELECTION
To operate the ADP1974 in boost (recycle) mode, apply a
voltage less than 1.05 V (typical) to the MODE pin. To operate
the ADP1974 in buck (discharge) mode, drive the MODE pin
high, greater than 1.20 V (typical). The state of the MODE pin
can change only when the ADP1974 is shut down via the EN pin,
or is disabled via an external fault condition signaled on the
FAULT pin, there is a TSD event, or there is a UVLO condition.
SELECTING RS TO SET THE CURRENT LIMIT
See Figure 26 for the current-limit block diagram for peak current-
limit control. To set the current limit, use the following equation:
IPK (mA) = 100 mV/RS
(2)
where:
IPK is the desired peak current limit in mA.
RS is the sense resistor used to set the peak current limit in Ω.
When the ADP1974 is configured to operate in buck (charge)
mode, the internal current-limit threshold is set to 300 mV
(typical) and the negative valley current-limit threshold is set to
450 mV (typical). When the ADP1974 is configured to operate
in boost (recycle) mode, the internal current-limit threshold is
set to 500 mV (typical). The external resistor (RCL) offsets the
current properly to detect the peak in both buck and boost
operation. Set the RCL value to 20 kΩ. In operation, the
equations for setting the peak currents follow.
For buck (charge) mode, use the following:
VCL (BUCK) = (ICL) × (RCL) − (IPK) × (RS)
(3)
VNC (BUCK) = (ICL) × (RCL) + (IVL (NEG)) × (RS)
(4)
For boost (recycle) mode, use the following:
VCL (BOOST) = (ICL) × (RCL) + (IPK) × (RS)
(5)
where:
VCL (BUCK) = 300 mV typical.
ICL = 20 μA typical.
RCL = 20 kΩ.
IPK is the peak inductor current.
VNC (BUCK) = 450 mV typical.
IVL (NEG) is the valley inductor current.
VCL (BOOST) = 500 mV typical.
The ADP1974 is designed so that the peak current limit is the
same in both the buck mode and the boost mode of operation. A
1% or better tolerance for the RCL and RS resistors is recommended.
ADJUSTING THE OPERATING FREQUENCY
If the SCFG pin is tied to VREG, forcing VSCFG ≥ 4.53 V, or if
SCFG is left floating and internally tied to VREG, the ADP1974
operates at the frequency set by RFREQ, and the SYNC pin outputs
a clock at the programmed frequency. When VSCFG ≥ 4.53 V, the
output clock on the SYNC pin can be used as a master clock in
applications that require synchronization.
If VSCFG is ≤ 0.5 V, the SYNC pin is configured as an input, and
the ADP1974 operates as a slave device. As a slave device, the
ADP1974 synchronizes to the external clock applied to the SYNC
pin. If the voltage applied to the SCFG pin is 0.65 V < VSCFG <
4.25 V, and a resistor is connected between SCFG and ground,
the SYNC pin is configured as an input, and the ADP1974
synchronizes to a phase shifted version of the external clock
applied to the SYNC pin.
Whether operating the ADP1974 as a master or as a slave
device, carefully select RFREQ using the equations in the
following sections.
Selecting RFREQ for a Master Device
When VSCFG is ≥ 4.53 V, the ADP1974 operates as a master device.
When functioning as a master device, the ADP1974 operates at
the frequency set by the external RFREQ resistor connected
between FREQ and ground, and the ADP1974 outputs a clock
at the programmed frequency on the SYNC pin.
Figure 28 shows the relationship between the RFREQ (MASTER) value
and the programmed switching frequency.
210
30
50
70
90
110
130
150
170
190
50
100
150
200
250
300
fSET (kHz)
Figure 28. RFREQ (MASTER) vs. Switching Frequency (fSET)
To calculate the RFREQ (MASTER) value for a desired master clock
synchronization frequency, use the following equation:

(kHz)
10
kΩ
4
)
(
SET
MASTER
FREQ
f
R
(5)
where:
RFREQ (MASTER) is the resistor in kΩ to set the frequency for master
devices.
fSET is the switching frequency in kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com