Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
ADP1974
Rev. 0 | Page 9 of 19
CH1 10.0V CH2 5.0V
5.0GS/s
CH3 5.0V
CH4 5.0V
10M POINTS
100µs
CH1
7.00V
1
2
3
4
T 14.42%
T
EN
DL
VREG
SYNC
VIN = 24V
VCOMP = 2.5V
NO CSS
Figure 15. Startup
1
2
3
4
EN
DL
SS
DH
VIN = 24V
VCOMP = 2.5V
CSS = 0.1µF
CH1
2.6V
CH2 2.0V
CH1 5.0V
:20.0M
25.0ms/div 20.0MS/s
50.0ns/pt A
B
W
CH4 5.0V
CH3 5.0V
Figure 16. Buck Soft Start
1
2
3
4
EN
DL
SS
DH
VIN = 24V
VCOMP = 2.5V
CSS = 0.1µF
CH1
2.6V
CH2 2.0V
CH1 5.0V
:20.0M
25.0ms/div 20.0MS/s
50.0ns/pt A
B
W
CH4 5.0V
CH3 5.0V
Figure 17. Boost Soft Start
0
25
50
75
100
125
150
175
100
0400
300
200
500
600
700
tDEAD (ns)
Figure 18. DT Pin Resistance (RDT) vs. Dead Time (tDEAD)
tDELAY (µs)
0
50
100
150
200
250
300
350
400
450
0
1.5
4.5
6.0
7.5
3.0
Figure 19. RSCFG vs. Phase Time Delay (tDELAY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com