Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 17Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 18Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADP1974
Rev. 0 | Page 15 of 19
Selecting RFREQ for a Slave Device
To configure the ADP1974 as a slave device, drive VSCFG < 4.53 V.
When functioning as a slave device, the ADP1974 operates at
the frequency of the external clock applied to the SYNC pin. To
ensure proper synchronization, select RFREQ to set the frequency
to a value slightly slower than that of the master clock by using
the following equation:
RFREQ (SLAVE) = 1.11 × RFREQ (MASTER)
(6)
where:
RFREQ (SLAVE) is the resistor value that appropriately scales the
frequency for the slave device, and 1.11 is the RFREQ slave to
master ratio for synchronization.
RFREQ (MASTER) is the resistor value that corresponds to the
frequency of the master clock applied to the SYNC pin.
The frequency of the slave device is set to a frequency slightly
lower than that of the master device to allow the digital
synchronization loop of the ADP1974 to synchronize to the
master clock period. The slave device can synchronize to a
master clock frequency running between 2% to 20% higher
than the slave clock frequency. Setting RFREQ(SLAVE) to 1.11× larger
than RFREQ(MASTER) runs the synchronization loop in approximately
the center of the adjustment range.
Programming the External Clock Phase Shift
If a phase shift is not required for slave devices, connect the
SCFG pin of each slave device to ground. For devices that
require a phase shifted version of the synchronization clock that
is applied to the SYNC pin of the slave devices, connect a
resistor (RSCFG) from SCFG to ground to program the desired
phase shift. To determine the RSCFG for a desired phase shift
SHIFT), start by calculating the frequency of the slave clock
(fSLAVE).
(SLAVE)
FREQ
SLAVE
R
f
4
10
(kHz) 
(7)
Next, calculate the period of the slave clock.

3
10
(kHz)
1
μs
SLAVE
SLAVE
f
t
(8)
where:
tSLAVE is the period of the slave clock in μs.
fSLAVE is the frequency of the slave clock in kHz.
Next, determine the phase time delay (tDELAY) for the desired
phase shift (φSHIFT) using the following equation:

 
360
μs
μs
SLAVE
SHIFT
DELAY
t
t
(9)
where:
tDELAY is the phase time delay in μs.
φSHIFT is the desired phase shift.
Lastly, use the following equation to calculate tDELAY:
RSCFG (kΩ) = 0.45 × RFREQ(SLAVE) (kΩ) + 50 × tDELAY (μs)
(10)
where:
RSCFG is the corresponding resistor for the desired phase shift
in kHz. See Figure 19 for the RSCFG vs. tDELAY graph.
When using the phase shift feature, connect a capacitor of 47 pF
or greater in parallel with RSCFG.
Alternatively, the SCFG pin can be controlled with a voltage source.
When using an independent voltage source, ensure VSCFG ≤ VREG
under all conditions. When the ADP1974 is disabled via the
EN pin or UVLO, VREG = 0 V, and the voltage source must be
adjusted accordingly to ensure VSCFG ≤ VREG.
Figure 29 shows the internal voltage ramp of the ADP1974. The
voltage ramp is a well controlled 4 V p-p.
4.5V
T
0.5V
0.01T
0.99T
Figure 29. Internal Voltage Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com