Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1974ARUZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1974ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 15Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADP1974
Data Sheet
Rev. 0 | Page 12 of 19
0.5V
4.5V
2.5V
BOOST MODE CONFIGURATION
MODE ≤ 1.05V (TYPICAL)
VSCFG ≥ 4.53V (TYPICAL)
COMP
0V
DH
DL
0V
INTERNAL RAMP
(4V p-p)
VREG (5V TYPICAL)
VREG (5V TYPICAL)
0V
Figure 23. Drive Signal Diagram for Boost Configuration
BUCK MODE CONFIGURATION
MODE ≥ 1.20V (TYPICAL)
VSCFG ≥ 4.53V (TYPICAL)
0.5V
4.5V
COMP
0V
DH
DL
0V
INTERNAL RAMP
(4V p-p)
VREG (5V TYPICAL)
VREG (5V TYPICAL)
0V
2.5V
Figure 24. Drive Signal Diagram for Buck Configuration
PWM DRIVE SIGNALS
The ADP1974 has two 5 V logic level output drive signals, DH
and DL that are compatible with drivers similar to the ADuM7223.
The DH and DL drive signals synchronously turn on and off the
high-side and low-side switches driven from the external driver.
The ADP1974 provides resistor programmable dead time to
prevent the DH and DL pins from transitioning at the same
time, as shown in Figure 25. Connect a resistor to ground on
the DT pin to program the dead time.
DL
DH
tDEAD
tDEAD
Figure 25. Dead Time (tDEAD) Between DH and DL Transitions
When driving capacitive loads with the DH and DL pins, a 20 Ω
resistor must be placed in series with the capacitive load to reduce
ground noise and ensure signal integrity.
EXTERNAL COMP CONTROL
The ADP1974 COMP pin is the input to the PWM modulator
comparator. The ADP1974 uses a voltage mode control that
compares an error signal, applied to the COMP pin by an
external error amplifier, such as the AD8450/AD8451, to an
internal 4 V p-p triangle waveform. As the load changes, the
error signal increases or decreases. The internal PWM comparator
determines the appropriate duty cycle drive signal by monitoring
the error signal at the COMP pin and the internal 4 V p-p ramp
signal. The internal PWM comparator subsequently drives the
external gate driver at the determined duty cycle through the DH
and DL signals.
The functional voltage range of the COMP pin is from 0 V to
5.0 V. If VCOMP is between 0.5 V and 4.5 V, the ADP1974 regulates
the DH and DL outputs accordingly. If VCOMP is greater than
4.5 V, the ADP1974 operates the DH and DL outputs at the
maximum programmed duty cycle (or 97% whichever is the
lowest). If VCOMP is less than 0.45 V, the ADP1974 operates the
DH or DL output at a 0% duty cycle, according to the operating
mode, while the complementary DL or DH output is driven at a
100% duty cycle. The input to the COMP pin must never
exceed the 5.5 V absolute maximum rating.
The DL and DH signals swing from VREG (5 V typical) to
ground. The external FET driver used must have input control
pins compatible with a 5 V logic signal.
PEAK CURRENT-LIMIT HICCUP IMPLEMENTATION
The ADP1974 features a peak hiccup current-limit implementation
measured on the low-side FET across a sense resistor. When the
peak inductor current exceeds the programmed current limit
for more than 500 consecutive clock cycles, 5.2 ms (typical) for
a 100 kHz programmed frequency, the peak hiccup current-
limit condition occurs. If the overcurrent exist for less than
500 consecutive cycles, the counter is reset to zero. When the
overcurrent condition occurs, the SS pin is discharged through
a 1 kΩ resistor, and the drive signals, DL and DH, are disabled
for the next 500 clock cycles to allow the FETs to cool down (hiccup
mode). When the 500 clock cycles expire, the ADP1974 restarts
through a new soft start cycle.
Figure 26 shows the current-limit block diagram for peak current-
limit protection.
VREG
RS
CL
500mV
300mV
ICL
20µA
RCL
20kΩ
M2
MODE
SELECT
H
H = BUCK
L = BOOST
H
L
L
Figure 26. Current-Limit Block Diagram for Peak Current-Limit Protection
The current-limit threshold is set internally based on the mode
selected. It is designed to trigger when the voltage on RS reaches
100 mV in either buck or boost mode when using RCL = 20 kΩ
with 400 mV across it due to the 20 μA current source. More
information on how to set the current limit is available in the
Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com