Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 20 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 20 Page - Microchip Technology

Back Button UCS2113 Datasheet HTML 16Page - Microchip Technology UCS2113 Datasheet HTML 17Page - Microchip Technology UCS2113 Datasheet HTML 18Page - Microchip Technology UCS2113 Datasheet HTML 19Page - Microchip Technology UCS2113 Datasheet HTML 20Page - Microchip Technology UCS2113 Datasheet HTML 21Page - Microchip Technology UCS2113 Datasheet HTML 22Page - Microchip Technology UCS2113 Datasheet HTML 23Page - Microchip Technology UCS2113 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
UCS2113
DS20005680B-page 20
 2016-2021 Microchip Technology Inc. and its subsidiaries
5.3
Supply Voltages
5.3.1
VDD SUPPLY VOLTAGE
The UCS2113 requires 4.5V to 5.5V to be present on
the VDD pin for core device functionality. Core device
functionality consists of maintaining register states and
wake-up upon SMBus/I2C query.
5.3.2
BACK-VOLTAGE DETECTION
The back-voltage detector is functional in all power
states (Sleep and Active).
When in Sleep, the UCS2113 will enter the Error state
from Sleep if a back-voltage condition was detected.
Whenever the following condition is true for either port,
the port power switch will be disabled and a
back-voltage event will be flagged. This will cause the
UCS2113 to enter the Error power state (see
Section 5.1.4 “Error State Operation”).
5.3.3
BACK-DRIVE CURRENT
PROTECTION
If a portable device is attached that is self-powered, it
may drive the VBUS port to its power supply voltage
level; however, the UCS2113 is designed such that
leakage current from the VBUS pins to the VDD and/or
the VS pin shall not exceed ILKG_1 (if the VDD and/or VS
voltage is zero) or ILKG_2 (if the VDD and/or VS voltage
exceeds VDD_TH and the power switch is open).
5.3.4
UNDERVOLTAGE LOCKOUT ON VS
The UCS2113 requires a minimum voltage (VS_UVLO)
be present on the VS pin for Active power state.
5.3.5
OVERVOLTAGE DETECTION AND
LOCKOUT ON VS
Both power switches will be disabled if the voltage on
any VS pin exceeds a voltage (VS_OV) for longer than
the specified time (tMASK). This will cause the device to
enter the Error state and both ALERT#1 and ALERT#2
pins will be asserted.
5.3.6
PWR_EN1 AND PWR_EN2 INPUT
The PWR_EN control affects the power state and enables
the port power switch to be turned on if conditions are met
(see Table 5-2). The port power switch cannot be closed
if PWR_EN is disabled. However, if PWR_EN is enabled,
the port power switch is not necessarily closed (see
Section 5.1.3 “Active State Operation”). In SMBus
mode, the PWR_EN1 and PWR_EN2 pins states will be
ignored by the UCS2113 if the PIN_IGN configuration bit
is set; otherwise, the PWR_EN1S and PWR_EN2S
configuration bits are checked along with the pins.
22 k
Active-High
2.13
2.13 + 2.13
SMBUS
27 k
Active-High
2.67
2.67 + 2.67
SMBUS
33 k
Active-High
3.2
3.2 + 3.2
SMBUS
47 k
Active-Low
0.53
0.53 + 0.53
Stand-Alone
56 k
Active-Low
0.96
0.96 + 0.96
Stand-Alone
68 k
Active-Low
1.07
1.07 + 1.07
Stand-Alone
82 k
Active-Low
1.28
1.28 + 1.28
Stand-Alone
100 k
Active-Low
1.6
1.6 + 1.6
Stand-Alone
120 k
Active-Low
2.13
2.13 + 2.13
Stand-Alone
150 k
Active-Low
2.67
2.67 + 2.67
Stand-Alone
VDD
Active-Low
3.2
3.2 + 3.2
Stand-Alone
Note 1: The total maximum current depends on power dissipation characteristics of the design (see Table 1-1).
TABLE 5-3:
COMMUNICATION DECODE (CONTINUED)
COMM_ILIM Pull Down
Resistor (±1%)
PWR_EN1 and
PWR_EN2 Polarity
ILIM (A)
Total ILIM (A)
(Note 1)
Communication
Mode
Note:
The VBUS voltage exceeds the VS and/or
the VDD pin voltage by VBV_TH and the
port power switch is closed. The port
power switch will be opened immediately.
If the condition lasts for longer than tMASK,
then the UCS2113 will enter the Error
state. Otherwise, the port power switch
will be turned on as soon as the condition
is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com