Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 30 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 30 Page - Microchip Technology

Back Button UCS2113 Datasheet HTML 26Page - Microchip Technology UCS2113 Datasheet HTML 27Page - Microchip Technology UCS2113 Datasheet HTML 28Page - Microchip Technology UCS2113 Datasheet HTML 29Page - Microchip Technology UCS2113 Datasheet HTML 30Page - Microchip Technology UCS2113 Datasheet HTML 31Page - Microchip Technology UCS2113 Datasheet HTML 32Page - Microchip Technology UCS2113 Datasheet HTML 33Page - Microchip Technology UCS2113 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
UCS2113
DS20005680B-page 30
 2016-2021 Microchip Technology Inc. and its subsidiaries
7.9
SMBus Write Byte
The Write Byte is used to write one byte of data to a
specific register as shown in Table 7-2.
7.10
SMBus Read Byte
The Read Byte protocol is used to read one byte of
data from the registers as shown in Table 7-3.
7.11
Block Write
The Block Write is used to write multiple data bytes to
a group of contiguous registers, as shown in Table 7-4.
It is an extension of the Write Byte Protocol.
7.12
Block Read
The Block Read is used to read multiple data bytes
from a group of contiguous registers, as shown in
Table 7-5. It is an extension of the Read Byte Protocol.
TABLE 7-2:
WRITE BYTE PROTOCOL
START
Client
Address
WR
ACK
Reg. Addr.
ACK Register Data
ACK
STOP
1 → 0
YYYY_YYY
0
0
XXh
0
XXh
0
0 → 1
TABLE 7-3:
READ BYTE PROTOCOL
START
Client Address
WR
ACK
Register Address
ACK
1→0
YYYY_YYY
0
0
XXh
0
START
Client Address
RD
ACK
Register Data
NACK
STOP
1 →0
YYYY_YYY
1
0
XXh
1
0 → 1
Note:
The Block Write and Block Read protocols
require that the address pointer be auto-
matically incremented. For a write com-
mand, the address pointer will be
automatically incremented when the ACK
is sent to the host. There are no over or
under bound limit checking and the
address pointer will wrap around from FFh
to 00h if necessary
TABLE 7-4:
BLOCK WRITE PROTOCOL
START
Client Address
WR
ACK
Register
Address
ACK
Repeat N Times
STOP
Register Data
ACK
1 → 0
YYYY_YYY
0
0
XXh
0
XXh
0
0 → 1
TABLE 7-5:
BLOCK READ PROTOCOL
START
Client Address
WR
ACK
Register
Address
ACK
1→0
YYYY_YYY
0
0
XXh
0
START
Client Address
RD
ACK
Repeat N Times
Register Data NACK
STOP
Register Data
ACK
1→0
YYYY_YYY
1
0
XXh
0
XXh
1
0 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com