Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 4 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 4 Page - Microchip Technology

  UCS2113 Datasheet HTML 1Page - Microchip Technology UCS2113 Datasheet HTML 2Page - Microchip Technology UCS2113 Datasheet HTML 3Page - Microchip Technology UCS2113 Datasheet HTML 4Page - Microchip Technology UCS2113 Datasheet HTML 5Page - Microchip Technology UCS2113 Datasheet HTML 6Page - Microchip Technology UCS2113 Datasheet HTML 7Page - Microchip Technology UCS2113 Datasheet HTML 8Page - Microchip Technology UCS2113 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
UCS2113
DS20005680B-page 4
 2016-2021 Microchip Technology Inc. and its subsidiaries
I/O Pins - SMCLK, SMDATA, PWR_EN, ALERT#, BOOST# - DC Parameters
Output Low Voltage
VOL
——
0.4
V
ISINK_IO = 8 mA
SMDATA, ALERT#, BOOST#
Input High Voltage
VIH
2.0
V
PWR_EN, SMDATA, SMCLK
Input Low Voltage
VIL
0.8
V
PWR_EN, SMDATA, SMCLK
Leakage Current
ILEAK
±5
µA
Powered or unpowered
VPULLUP  VDD
TA < 85°C (Note 1)
Interrupt Pins - AC Parameters
ALERT# Pin Blanking Time
tBLANK
25
ms
Blanking time, coming out of
reset
ALERT# Pin Interrupt
Masking Time
tMASK
—5
ms
BOOST# Pin Minimum
Assertion Time
tBOOST_MAT
—1
s
BOOST# Pin Assertion
Current
IBOOST
—1.9
A
SMBus/I2C Timing
Input Capacitance
CIN
—5
pF
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
——
50
ns
Bus Free Time Stop to Start
tBUF
1.3
µs
Start Setup Time
tSU:STA
0.6
µs
Start Hold Time
tHD:STA
0.6
µs
Stop Setup Time
tSU:STO
0.6
µs
Data Hold Time
tHD:DAT
0
µs
When transmitting to the host
Data Hold Time
tHD:DAT
0.3
µs
When receiving from the host
Data Setup Time
tSU:DAT
0.6
µs
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Clock/Data Fall Time
tFALL
300
ns
Min. = 20+0.1CLOAD ns
(Note 1)
Clock/Data Rise Time
tRISE
300
ns
Min. = 20+0.1CLOAD ns
(Note 1)
Capacitive Load
CLOAD
400
pF
Per bus line (Note 1)
Timeout
tTIMEOUT
25
35
ms
Disabled by default (Note 1)
Idle Reset
tIDLE_RESET
350
µs
Disabled by default (Note 1)
TABLE 1-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V,
VPULLUP = 3V to 5.5V, TA = -40°C to 105°C. All typical values at VDD = VS = 5V, TA = 27°C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note 1:
This parameter is characterized, not 100% tested.
2:
This parameter is ensured by design and not 100% tested.
3:
The current measurement full scale range maximum value is 3.4A. However, the UCS2113 cannot report values above
ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM  1.6A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com