Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 6 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 6 Page - Microchip Technology

Back Button UCS2113 Datasheet HTML 2Page - Microchip Technology UCS2113 Datasheet HTML 3Page - Microchip Technology UCS2113 Datasheet HTML 4Page - Microchip Technology UCS2113 Datasheet HTML 5Page - Microchip Technology UCS2113 Datasheet HTML 6Page - Microchip Technology UCS2113 Datasheet HTML 7Page - Microchip Technology UCS2113 Datasheet HTML 8Page - Microchip Technology UCS2113 Datasheet HTML 9Page - Microchip Technology UCS2113 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
UCS2113
DS20005680B-page 6
 2016-2021 Microchip Technology Inc. and its subsidiaries
Second Thermal Shutdown
Stage Threshold
TTSD_HIGH
135
°C
Die Temperature at which both
power switches will open
Second Thermal Shutdown
Stage Hysteresis
TTSD_HIGH_HYST
25
°C
Hysteresis for TTSD_HIGH
functionality. Temperature must
drop by this value before any of
the power switches can be
closed.
Auto-Recovery Test Current
ITEST
190
mA
Portable device attached,
VBUS= 0 V, Die temp < TTSD
Auto-Recovery Test Voltage
VTEST
750
mV
Portable device attached,
VBUS = 0 V before application,
Die temp < TTSD
Programmable, 250 - 1000 mV,
default listed
Discharge Impedance
RDISCHARGE
—100
Port Power Switch - AC Parameters
Turn-On Delay
tON_PSW
0.9
ms
PWR_EN active toggle to
switch on time, VBUS discharge
not active
Turn-Off Time
tOFF_PSW_INA
0.75
ms
PWR_EN inactive toggle to
switch off time
CBUS = 120 µF
Turn-Off Time
tOFF_PSW_ERR
1
ms
Over-current Error, VBUS Min
Error, or Discharge Error to
switch off
CBUS = 120 µF
Turn-Off Time
tOFF_PSW_ERR1
100
ns
TSD or Back-drive Error to
switch off
CBUS = 120 µF
VBUS Output Rise Time
tR_BUS
1.1
ms
Measured from 10% to 90% of
VBUS, CLOAD = 220 µF
ILIM = 1.0A
Soft Turn-On Rate
IBUS/t
—100
mA/µs
Temperature Update Time
tDC_TEMP
—200
ms
Short-Circuit Response Time
tSHORT_LIM
1.5
µs
Time from detection of short to
current limit applied.
No CBUS applied
Short-Circuit Detection Time
tSHORT
6
ms
Time from detection of short to
port power switch disconnect
and ALERT# pin assertion
Latched Mode Cycle Time
tUL
7
ms
From PWR_EN edge transition
from inactive to active to begin
error recovery
TABLE 1-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V,
VPULLUP = 3V to 5.5V, TA = -40°C to 105°C. All typical values at VDD = VS = 5V, TA = 27°C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note 1:
This parameter is characterized, not 100% tested.
2:
This parameter is ensured by design and not 100% tested.
3:
The current measurement full scale range maximum value is 3.4A. However, the UCS2113 cannot report values above
ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM  1.6A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com