Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 24 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 24 Page - Microchip Technology

Back Button UCS2113 Datasheet HTML 20Page - Microchip Technology UCS2113 Datasheet HTML 21Page - Microchip Technology UCS2113 Datasheet HTML 22Page - Microchip Technology UCS2113 Datasheet HTML 23Page - Microchip Technology UCS2113 Datasheet HTML 24Page - Microchip Technology UCS2113 Datasheet HTML 25Page - Microchip Technology UCS2113 Datasheet HTML 26Page - Microchip Technology UCS2113 Datasheet HTML 27Page - Microchip Technology UCS2113 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
UCS2113
DS20005680B-page 24
 2016-2021 Microchip Technology Inc. and its subsidiaries
keep-out
violation
is
flagged
(by
setting
the
MIN_KEEP_OUT status bit). This will cause the device
to enter the Error state.
Figure 6-4 illustrates the relationship between these
USB port power profile parameters.
6.2.1
OPERATION WITHIN A USB PORT
POWER PROFILE
An attached device may be constrained to operate
within the boundaries of a USB port power profile by
setting the value of ILIM less than the USB port power
profile IBUS_R2MIN value. In this case, the port power
switch will be in Trip mode up until ILIM is exceeded. At
which point, the switch will transition into CC mode. If
the attached device reduces the output voltage to less
than VBUS_MIN, the switch will trip and terminate
charging.
FIGURE 6-4:
ILIM < IBUS_R2MIN Example.
6.2.2
OPERATION OUTSIDE OF A USB
PORT POWER PROFILE
An attached device may be allowed to operate outside
of the boundaries of a USB port power profile by
setting the value of ILIM greater than the USB port
power profile IBUS_R2MIN value. This is the default
operation for all portable devices. In this case, the
USB port power switch will operate in Trip mode until
the bus current reaches the ILIM value. Once the ILIM
value has been exceeded, the port power switch will
open and terminate charging. Figure 6-5 illustrates an
example of current limiting in this configuration.
FIGURE 6-5:
ILIM > IBUS_R2MIN Example.
Note:
The CC mode of operation is possible only
up to 1.6A. As long as the value of ILIM is
less than the fixed port power profile
IBUS_R2MIN value, CC mode is possible.
Otherwise, the USB port power switch will
operate in Trip mode operation.
5
4
3
2
1
0.53
1.6
2.67
3.2
5.25
4.75
0
0
Port Power Profile
Operating Region
0.96
1.28
1.28
0.96
0.53
1.6
2.13
2.13
2.67
3.2
VBUS_MIN = 2.0 V
IBUS (Amps)
ILIM (Amps)
(Trip)
ILIM = 1.6A
IBUS_R2MIN = 1.6A
5
4
3
2
1
0.53
1.6
2.67
3.2
5.25
4.75
0
0
Port Power Profile
Operating Region
0.96
1.28
1.28
0.96
0.53
1.6
2.13
2.13
2.67
3.2
VBUS_MIN = 2.0 V
IBUS (Amps)
ILIM (Amps)
(Trip)
ILIM = 2.67 A
IBUS_R2MIN = 1. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com