Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 50 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 50 Page - Microchip Technology

Back Button UCS2113 Datasheet HTML 46Page - Microchip Technology UCS2113 Datasheet HTML 47Page - Microchip Technology UCS2113 Datasheet HTML 48Page - Microchip Technology UCS2113 Datasheet HTML 49Page - Microchip Technology UCS2113 Datasheet HTML 50Page - Microchip Technology UCS2113 Datasheet HTML 51Page - Microchip Technology UCS2113 Datasheet HTML 52Page - Microchip Technology UCS2113 Datasheet HTML 53Page - Microchip Technology UCS2113 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
UCS2113
DS20005680B-page 50
 2016-2021 Microchip Technology Inc. and its subsidiaries
8.8
Current Limit Behavior Registers
The Current Limit Behavior register stores the values
used by the applied current limiting mode (Trip or CC).
The contents of this register are not retained in Sleep.
REGISTER 8-17:
PORT 1 CURRENT LIMIT BEHAVIOR REGISTER (ADDRESS 23H)
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-1
R/W-0
SEL_VBUS1_MIN<1:0>
DISCHG_LOAD1
SEL_R2_IMIN1<2:0>
Reserved
Reserved
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
SEL_VBUS1_MIN<1:0>: Define the VBUS_MIN voltage for Port 1 as follows:
00 = 1.50V
01 =1.75V
10 =2.0V
11 =2.25V
bit 5
DISCHG_LOAD1: Connects the internal 100Ω load to discharge VBUS1 (Note 1). The SMBus host must
set this bit to discharge VBUS1 if the EN_VBUS_DISCHG bit from the General Configuration 2 register
12h is '0'. This functionality doesn't use any timer. The discharge time is controlled by the SMBus host,
which must clear this bit when its internal timer expires. The difference from DSCHG1 bit from the
General Configuration 1 register 11h is that, when that bit is set, the discharge time is controlled by the
UCS2113 internal timer.
The state of this bit is ignored when the EN_VBUS_DISCHG bit from the General Configuration 2
register 12h is '1'.
bit 4-2
SEL_R2_IMIN1<2:0>: Defines the IBUS_R2MIN current
000 =100 mA
001 =530 mA
010 =960 mA
011 =1280 mA
100 =1600 mA
101 =2130 mA
bit 1-0
Reserved: Do not change
Note 1: If the corresponding power switch is still turned on (PWR_EN1 control is active) while DISCHG_LOAD1 bit
is set, the internal 100Ω load will be connected in parallel with the load on the VBUS1 pins.
REGISTER 8-18:
PORT 2 CURRENT LIMIT BEHAVIOR REGISTER (ADDRESS 24H)
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-1
R/W-0
SEL_VBUS2_MIN<1:0>
DISCHG_LOAD2
SEL_R2_IMIN2_MIN<2:0>
Reserved
Reserved
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
SEL_VBUS2_MIN<1:0>: Define the VBUS_MIN voltage for Port 2 as follows:
00 = 1.50V
01 =1.75V
10 =2.0V
11 =2.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com