Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 51 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 51 Page - Microchip Technology

Back Button UCS2113 Datasheet HTML 47Page - Microchip Technology UCS2113 Datasheet HTML 48Page - Microchip Technology UCS2113 Datasheet HTML 49Page - Microchip Technology UCS2113 Datasheet HTML 50Page - Microchip Technology UCS2113 Datasheet HTML 51Page - Microchip Technology UCS2113 Datasheet HTML 52Page - Microchip Technology UCS2113 Datasheet HTML 53Page - Microchip Technology UCS2113 Datasheet HTML 54Page - Microchip Technology UCS2113 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 51
UCS2113
8.9
Product ID Register
The Product ID register stores a unique 8-bit value that
identifies the UCS device family.
8.10
Manufacture ID Register
The Manufacturer ID register stores a unique 8-bit
value that identifies Microchip Technology Inc.
bit 5
DISCHG_LOAD2: Connects the internal 100Ω load to discharge VBUS2 (Note 1). The SMBus host must
set this bit to discharge VBUS2 if the EN_VBUS_DISCHG bit from the General Configuration 2 register
12h is '0'. This functionality doesn't use any timer. The discharge time is controlled by the SMBus host,
which must clear this bit when its internal timer expires. The difference from DSCHG2 bit from the
General Configuration 2 register 12h is that, when that bit is set, the discharge time is controlled by the
UCS2113 internal timer.
The state of this bit is ignored when the EN_VBUS_DISCHG bit from the General Configuration 2
register 12h is '1'.
bit 4-2
SEL_R2_IMIN2_MIN<2:0>: Defines the IBUS_R2MIN current
000 =100 mA
001 =530 mA
010 =960 mA
011 =1280 mA
100 =1600 mA
101 =2130 mA
bit 1-0
Reserved: Do not change
Note 1: If the corresponding power switch is still turned on (PWR_EN2 control is active) while DISCHG_LOAD2 bit
is set, the internal 100Ω load will be connected in parallel with the load on the VBUS2 pins.
REGISTER 8-18:
PORT 2 CURRENT LIMIT BEHAVIOR REGISTER (ADDRESS 24H) (CONTINUED)
REGISTER 8-19:
PRODUCT ID REGISTER (ADDRESS FDH)
R-1
R-1
R-1
R-0
R-0
R-0
R-1
R-0
PID<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
PID<7:0>: Product ID for the UCS2113
REGISTER 8-20:
MANUFACTURER ID REGISTER (ADDRESS FEH)
R-0
R-1
R-0
R-1
R-1
R-1
R-0
R-1
MID<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
MID<7:0>: Manufacturer ID for Microchip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com