Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 7 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 7 Page - Microchip Technology

Back Button UCS2113 Datasheet HTML 3Page - Microchip Technology UCS2113 Datasheet HTML 4Page - Microchip Technology UCS2113 Datasheet HTML 5Page - Microchip Technology UCS2113 Datasheet HTML 6Page - Microchip Technology UCS2113 Datasheet HTML 7Page - Microchip Technology UCS2113 Datasheet HTML 8Page - Microchip Technology UCS2113 Datasheet HTML 9Page - Microchip Technology UCS2113 Datasheet HTML 10Page - Microchip Technology UCS2113 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 7
UCS2113
Auto-Recovery Mode Cycle
Time
tCYCLE
25
ms
Time delay before error
condition check.
Programmable 15-50 ms,
default listed
Auto-Recovery Delay
tTST
20
ms
Portable device attached, VBUS
must be > VTEST after this time.
Programmable 10-25 ms,
default listed
Discharge Time
tDISCHARGE
200
ms
Amount of time discharge
resistor applied.
Programmable 100-400 ms,
default listed
Port Power Switch Operation With Trip Mode Current Limiting
Region 2 Current
Keep-Out
IBUS_R2MIN_1
——
0.1
A
Note 2
Minimum VBUS
Allowed at Output
VBUS_MIN_1
2.0
V
Note 2
Port Power Switch Operation With Constant Current Limiting (Variable Slope)
Region 2 Current
Keep-Out
IBUS_R2MIN
2.13
A
Note 2
Minimum VBUS
Allowed at Output
VBUS_MIN
2.0
V
Note 2
Current Measurement - DC
Current Measurement Range
IBUS_M
0
3400
mA
Range (Note 2 and Note 3)
Reported Current
Measurement Resolution
IBUS_M
13.3
mA
1 LSB
Current Measurement
Accuracy
±2
%
200 mA < IBUS < ILIM
—±2
LSB
IBUS < 200 mA
Current Measurement - AC
Sampling Rate
1.1
ms
Note 2
Conversion Time
Both Channels
tCONV
2.2
ms
All registers updated in digital
(Note 2)
Charge Rationing - DC
Accumulated Current
Measurement Accuracy
——
±4.5
%
Charge Rationing - AC
Current Measurement
Update Time
tPCYCLE
—1
s
TABLE 1-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V,
VPULLUP = 3V to 5.5V, TA = -40°C to 105°C. All typical values at VDD = VS = 5V, TA = 27°C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note 1:
This parameter is characterized, not 100% tested.
2:
This parameter is ensured by design and not 100% tested.
3:
The current measurement full scale range maximum value is 3.4A. However, the UCS2113 cannot report values above
ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM  1.6A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com