Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 3 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 3 Page - Microchip Technology

  UCS2113 Datasheet HTML 1Page - Microchip Technology UCS2113 Datasheet HTML 2Page - Microchip Technology UCS2113 Datasheet HTML 3Page - Microchip Technology UCS2113 Datasheet HTML 4Page - Microchip Technology UCS2113 Datasheet HTML 5Page - Microchip Technology UCS2113 Datasheet HTML 6Page - Microchip Technology UCS2113 Datasheet HTML 7Page - Microchip Technology UCS2113 Datasheet HTML 8Page - Microchip Technology UCS2113 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 3
UCS2113
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Voltage on VDD, VS, and VBUS pins ...................................................................................................................-0.3 to 6V
Pull-Up Voltage (VPULLUP) ..................................................................................................................... -0.3 to VDD + 0.3
Port Power Switch Current ..................................................................................................................... Internally limited
Voltage on any Other Pin to Ground ...................................................................................................-0.3 to VDD + 0.3V
Current on any Other Pin ..................................................................................................................................... ±10 mA
Package Power Dissipation ........................................................................................................................ See Table 1-1
Operating Ambient Temperature Range .................................................................................................-40°C to +105°C
Storage Temperature Range ..................................................................................................................-55°C to +150°C
†Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indi-
cated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
TABLE 1-1:
POWER DISSIPATION SUMMARY
Board
Package
JC
JA
Derating Factor
Above +25°C
TA < +25°C
Power Rating
TA = +70°C
Power Rating
TA = +85°C
Power Rating
High K
(Note)
20-pin QFN
4x4 mm
6 °C/W
41 °C/W
24.4 mW/°C
2193 mW
1095 mW
729 mW
Low K
(Note)
20-pin QFN
4x4 mm
6 °C/W
60 °C/W
16.67 mW/°C
1498 mW
748 mW
498 mW
Note:
A High-K board uses a thermal via design with the thermal landing soldered to the PCB ground plane with
0.3 mm (12 mil) diameter vias in a 3x3 matrix (9 total) at 0.5 mm (20 mil) pitch. The board is multilayer with
1-ounce internal power and ground planes and 2-ounce copper traces on top and bottom. A Low-K board
is a two-layer board without thermal via design with 2-ounce copper traces on the top and bottom.
TABLE 1-2:
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V,
VPULLUP = 3V to 5.5V, TA = -40°C to 105°C. All typical values at VDD = VS = 5V, TA = 27°C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Power and Interrupts - DC
Supply Voltage
VDD
4.5
5
5.5
V
Supply Current in Active
(IDD_ACT + IS1_ACT + IS2_ACT)
IACTIVE
700
µA
Average current IBUS = 0 mA
Supply Current in Sleep
(IDD_SLEEP + IS1_SLEEP +
IS2_SLEEP)
ISLEEP
6
20
µA
Average current VPULLUP  VDD
Power-On Reset
VDD Low Threshold
VDD_TH
—4
4.3
V
VDD voltage increasing (Note 1)
VDD Low Hysteresis
VDD_TH_HYST
500
600
mV
VDD voltage decreasing (Note 1)
Note 1:
This parameter is characterized, not 100% tested.
2:
This parameter is ensured by design and not 100% tested.
3:
The current measurement full scale range maximum value is 3.4A. However, the UCS2113 cannot report values above
ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM  1.6A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com