Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 1 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 1 Page - Microchip Technology

  UCS2113 Datasheet HTML 1Page - Microchip Technology UCS2113 Datasheet HTML 2Page - Microchip Technology UCS2113 Datasheet HTML 3Page - Microchip Technology UCS2113 Datasheet HTML 4Page - Microchip Technology UCS2113 Datasheet HTML 5Page - Microchip Technology UCS2113 Datasheet HTML 6Page - Microchip Technology UCS2113 Datasheet HTML 7Page - Microchip Technology UCS2113 Datasheet HTML 8Page - Microchip Technology UCS2113 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 1
UCS2113
Features
• Dual-Port Power Switches:
- 2.9V to 5.5V source voltage range
- 3.0A continuous current per VBUS port with
40 m
 On resistance per switch
- Independent port power switch enable pins
- DUAL fault ALERT# active drain output pins
- Constant Current or Trip mode current
limiting behaviors
- Undervoltage and overvoltage lockout
- Back-drive, back-voltage protection
- Auto-recovery fault handling with low test
current
- BOOST# logic output to increase DC-DC
converter output under large load conditions
• SMBus 2.0/I2C Mode Features:
- Eight programmable current limits assignable
to each power switch
- Other SMBus addresses available upon
request
- Block read and block write
• Self-Contained Current Monitoring (No External
Sense Resistor Required)
• Fully Programmable Per-Port Charge Rationing
and Behaviors
• Configurable Per-Port BC1.2 VBUS Discharge
Function
• Wide Operating Temperature Range:
- -40°C to +105°C
• UL Recognized and EN/IEC 60950-1 (CB)
Certified
• Passes Automotive AEC-Q100 Reliability Testing
Description
The UCS2113 is a dual USB port power switch
configuration which can provide 3.0A continuous
current (3.4A maximum) per VBUS port with precision
overcurrent limiting (OCL), port power switch enables,
auto-recovery
fault
handling,
undervoltage
and
overvoltage
lockout,
back-drive
protection
and
back-voltage protection, and thermal protection.
The UCS2113 is well suited for both stand-alone and
applications having SMBus/I2C communications.
For applications with SMBus, the UCS2113 provides
per-port current monitoring and eight programmable
current limits per switch, ranging from 0.53A to 3.0A
continuous current (3.4A maximum). Per-port charge
rationing is also provided ranging from 3.8 mAh to
246.3 Ah.
In stand-alone mode, the UCS2113 provides eight
current limits for both switches, ranging from
0.53A + 0.53A to 3A + 3A total continuous current
(see Table 1-1).
Both power switches include an independent VBUS
discharge function and constant current mode current
limiting for BC1.2 applications.
The UCS2113 is available in a 4x4 mm 20-pin QFN
package.
Package Type
2
BOOST#
VBUS1
PWR_EN1
PWR_EN2
GND
COMM_ILIM
VBUS2
GND
EP
20
1
19 18 17
3
4
14
13
12
11
678
9
21
5
10
15
16
VBUS1
VBUS2
UCS2113
4x4 QFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
USB Dual-Port Power Switch and Current Monitor


Similar Part No. - UCS2113

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS2113-1C-V/G4 MICROCHIP-UCS2113-1C-V/G4 Datasheet
1Mb / 60P
USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
UCS2113-C MICROCHIP-UCS2113-C Datasheet
1Mb / 60P
USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
UCS2113T-2C-V/G4VAO MICROCHIP-UCS2113T-2C-V/G4VAO Datasheet
1Mb / 60P
USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
More results

Similar Description - UCS2113

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Texas Instruments
TPS2511 TI1-TPS2511 Datasheet
898Kb / 26P
USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511-Q1 TI1-TPS2511-Q1 Datasheet
1Mb / 28P
USB Dedicated Charging Port Controller and Current Limiting Power Switch
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2113-C MICROCHIP-UCS2113-C Datasheet
1Mb / 60P
USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com