Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 46 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 46 Page - Microchip Technology

Back Button UCS2113 Datasheet HTML 42Page - Microchip Technology UCS2113 Datasheet HTML 43Page - Microchip Technology UCS2113 Datasheet HTML 44Page - Microchip Technology UCS2113 Datasheet HTML 45Page - Microchip Technology UCS2113 Datasheet HTML 46Page - Microchip Technology UCS2113 Datasheet HTML 47Page - Microchip Technology UCS2113 Datasheet HTML 48Page - Microchip Technology UCS2113 Datasheet HTML 49Page - Microchip Technology UCS2113 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
UCS2113
DS20005680B-page 46
 2016-2021 Microchip Technology Inc. and its subsidiaries
8.6
Total Accumulated Charge Registers
The Total Accumulated Charge registers store the total
accumulated charge delivered from the VS source to a
portable device. The bit weighting of the registers is
given in mA-hrs. The register value is reset to 00_00h
only when the RATION_RST bit is set or if the
RATION_EN bit is cleared. This value will be retained
when the device transitions out of the Active state and
resumes accumulation, if the device returns to the
Active state and charge rationing is still enabled.
These registers are updated every one (1) second
while the UCS2113 is in the Active power state. Every
time the value is updated, it is compared against the
target value in the Charge Rationing Threshold
registers. This data is retained in the Sleep state.
REGISTER 8-12:
PORT1 TOTAL ACCUMULATED CHARGE REGISTERS (ADDRESS 16H, 17H,
18H, 19H)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TAC1<25:18>
bit 31
bit 24
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TAC1<17:10>
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TAC1<9:2>
bit 15
bit 8
R-0
R-0
U-0
U-0
U-0
U-0
U-0
U-0
TAC1<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-6
TAC1<25:0>: Total Accumulated Charge Port 1 - Each LSB of this 26-bit value equals 0.00367 mAh
bit 5-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com