Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113 Datasheet(PDF) 26 Page - Microchip Technology

Part # UCS2113
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113 Datasheet(HTML) 26 Page - Microchip Technology

Back Button UCS2113 Datasheet HTML 22Page - Microchip Technology UCS2113 Datasheet HTML 23Page - Microchip Technology UCS2113 Datasheet HTML 24Page - Microchip Technology UCS2113 Datasheet HTML 25Page - Microchip Technology UCS2113 Datasheet HTML 26Page - Microchip Technology UCS2113 Datasheet HTML 27Page - Microchip Technology UCS2113 Datasheet HTML 28Page - Microchip Technology UCS2113 Datasheet HTML 29Page - Microchip Technology UCS2113 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
UCS2113
DS20005680B-page 26
 2016-2021 Microchip Technology Inc. and its subsidiaries
6.5
Charge Rationing Interactions
When charge rationing is active, regardless of the
specified behavior, the UCS2113 will function normally
until the charge rationing threshold is reached. Note
that charge rationing is only active when the UCS2113
is in the Active state. Changing the charge rationing
behavior will have no effect on the charge rationing
data registers. If the behavior is changed prior to
reaching the charge rationing threshold, this change
will occur and be transparent to the user. When the
charge rationing threshold is reached, the UCS2113
will take action as shown in Table 6-2. If the behavior
is changed after the charge rationing threshold has
been reached, the UCS2113 will immediately adopt
the newly programmed behavior, clearing the ALERT#
pin and restoring switch operation respectively (see
Table 6-4).
TABLE 6-2:
CHARGE RATIONING BEHAVIOR
RATION_BEH
(1 or 2) <1:0>
Behavior
Actions Taken
Notes
10
00
Report
ALERT# pin asserted.
01
Report and
Disconnect
(default)
1.
ALERT# pin asserted
2.
Port power switch discon-
nected
All bus monitoring is still active.
Toggling the PWR_EN control will cause the
device to change power states as defined by the
registers; however, the port power switch will
remain off until the rationing circuitry is reset.
10
Disconnect
and
Go to Sleep
1.
Port power switch discon-
nected
2.
Device will enter the Sleep
state
All VBUS and VS monitoring will be stopped.
Toggling the PWR_EN control will have no effect
on the power state until the rationing circuitry is
reset.
11
Ignore
Take no further action
TABLE 6-3:
CHARGE RATIONING RESET BEHAVIOR
Behavior
Reset Actions
Report
1.
Reset the Total Accumulated Charge registers
2.
Clear the RATION status bit
3.
Release the ALERT# pin
Report and Disconnect
1.
Reset the Total Accumulated Charge registers
2.
Clear the RATION status bit
3.
Release the ALERT# pin
4.
Check the PWR_EN controls and enter the indicated power state if the controls
changed
Disconnect and
Go to Sleep
1.
Reset the Total Accumulated Charge registers
2.
Clear the RATION status bit
3.
Check the PWR_EN controls and enter the indicated power state if the controls
changed
Ignore
1.
Reset the Total Accumulated Charge registers
2.
Clear the RATION status bit
TABLE 6-4:
EFFECTS OF CHANGING RATIONING BEHAVIOR AFTER THRESHOLD REACHED
Previous
Behavior
New Behavior
Actions Taken
Ignore
Report
Assert ALERT# pin
Report and
Disconnect
1.
Assert ALERT# pin
2.
Open port power switch. See the Report and Disconnect (default) in
Table 6-2
Disconnect and
Go to Sleep
1.
Open port power switch
2.
Enter the Sleep state. See the Disconnect and Go to Sleep in Table 6-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com