Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button WLAN8101CMP Datasheet HTML 12Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 13Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 14Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 15Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 16Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 17Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 18Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 19Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
17 Handling information
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe
precautions for handling electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5,
JESD625-A or equivalent standards.
18 Abbreviations
Acronym
Description
ANT
antenna
CDM
charge device model
CPLR
coupler
DC
direct current
ESD
electrostatic discharge
EVM
error vector magnitude
HBM
human body model
HFCPLGA
heat sink flip chip power land grid array
ISM
industrial scientific medical
ISL
isolation
LNA
low noise amplifier
LNAEN
low noise amplifier enable
MCS
modulation code scheme
MIMO
multiple in multiple out
MSL
moisture sensitivity level
NF
noise figure
PA
power amplifier
PAEN
power amplifier enable
RF
radio frequency
RFFE
radio frequency front end
RoHS
restriction of hazardous substances
SEL
select
SPDT
single pole double throw
VSWR
voltage standing wave ratio
WLAN
wireless local area network
Table 15. Abbreviations
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
16 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com