Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button WLAN8101CMP Datasheet HTML 12Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 13Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 14Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 15Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 16Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 17Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 18Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 19Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
19 Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
WLAN8101C v.3
20200811
Product data sheet
-
WLAN8101C v.2
modification
• changed status from Company confidential to Public
WLAN8101C v.2
20200724
Product data sheet
-
WLAN8101C v.1
modification
• updated the ESD condition on CDM with the correct description of the used ESD standard
• adapted the footnotes on RX IP3i, removed 10 MHz, and changed -20 dBm to -3 dBm
• changed status to Product data sheet
WLAN8101C v.1
20191219
Preliminary data sheet -
-
Table 16. Revision history
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
17 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com