Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button WLAN8101CMP Datasheet HTML 12Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 13Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 14Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 15Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 16Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 17Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 18Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 19Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
Contents
1
General description ............................................ 1
2
Features and benefits .........................................1
3
Applications .........................................................1
4
Quick reference data .......................................... 2
5
Ordering information .......................................... 3
6
Marking .................................................................3
7
Functional diagram .............................................3
8
Pinning information ............................................ 4
8.1
Pinning diagram .................................................4
8.2
Pin description ................................................... 4
9
Functional description ........................................5
9.1
Parallel interface control states per MIMO
channel .............................................................. 5
10
Limiting values ....................................................6
11
Recommended operating conditions ................ 6
12
Thermal characteristics ......................................7
13
Characteristics .................................................... 8
13.1
Switching time performance .............................. 8
13.2
RF performance from ANT to RX ...................... 8
13.3
RF performance from TX to ANT ...................... 9
13.4
High isolation performance from ANT to RX .... 11
13.5
Directional coupler ...........................................11
14
Graphics .............................................................12
15
Application information ....................................13
16
Package outline .................................................13
16.1
Advanced solder footprint ................................15
17
Handling information ........................................ 16
18
Abbreviations .................................................... 16
19
Revision history ................................................ 17
20
Legal information ..............................................18
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section 'Legal information'.
© NXP B.V. 2021.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 11 August 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com