Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button WLAN8101CMP Datasheet HTML 4Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 5Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 6Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 7Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 8Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 9Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 10Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 11Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
13 Characteristics
13.1 Switching time performance
Tamb = 25 °C; VCC = 3.85 V: All ports are terminated with 50 Ω, single channel performance. Unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max Unit
ton(LNA) LNA turn-on time from 10 % to 90 % of LNA output level, bypass/LNA transition -
170
-
ns
toff(LNA) LNA turn-off time from 90 % to 10 % of LNA output level, bypass/LNA transition -
230
-
ns
ton(PA)
PA turn-on time
from 10 % to 90 % of PA output level, LNA/TX transition
-
250
-
ns
toff(PA)
PA turn-off time
from 90 % to 10 % of PA output level, LNA/TX transition
-
250
-
ns
Table 9. Switching time performance
13.2 RF performance from ANT to RX
Tamb = 25 °C; VCC = 3.85 V; VIH = 1.8 V; VIL = 0 V; All ports are terminated with 50 Ω; Pi = -30 dBm,
f = 5.150 GHz to 5.925 GHz, single channel performance. Unless otherwise specified. All values are measured at product
input/output as reference plane. Measurements are done using the application schematic. (See application note AN12711)
Symbol Parameter
Conditions
Min
Typ
Max Unit
RX_gain
-
11.6
-
mA
ICC
supply current
RX_bypass
-
7.5
-
µA
RX_gain
-
16
-
dB
Gp
power gain
RX_bypass
-
-5.5
-
dB
RX_gain, peak-to-peak over any 80 MHz band
-
+/-0.25 -
dB
RX_gain, over full RF bandwidth
-
+/-0.75 -
dB
RX_bypass, peak-to-peak over any 80 MHz band
-
+/-0.25 -
dB
Gflat
power gain
flatness
RX_bypass, over full RF bandwidth
-
+/-0.75 -
dB
NF
noise figure
RX_gain
-
2.5
-
dB
RX_gain , looking into ANT pin
-
10
-
dB
RLi
input return loss
RX_bypass , looking into ANT pin
-
9
-
dB
RX_gain , looking into RX pin
-
10
-
dB
RLo
output return loss
RX_bypass , looking into RX pin
-
10
-
dB
RX_gain
[1] -
1.5
-
dBm
IP3i
input third order
intercept point
RX_bypass
[2] -
27
-
dBm
RX_gain
-
-9
-
dBm
Pi(1dB)
input power
at 1 dB gain
compression point RX_bypass
-
14.0
-
dBm
Table 10. RF performance from ANT to RX
[1]
Pi = -20 dBm/tone, (20 MHz tone spacing)
[2]
Pi = -3 dBm/tone, (20 MHz tone spacing)
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
8 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com