Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 1 Page - NXP Semiconductors

  WLAN8101CMP Datasheet HTML 1Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 2Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 3Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 4Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 5Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 6Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 7Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 8Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
Rev. 3 — 11 August 2020
Product data sheet
1 General description
The WLAN8101C is a 5 GHz 2 x 2 MIMO RFFE for Wi-Fi 6 applications in a
3 mm x 4 mm package.
The WLAN8101C includes two monolithic front-end ICs. Each front-end IC has an
integrated power amplifier, a low noise amplifier with bypass functionality, and a single
pole double throw (SPDT) switch.
WLAN8101C also includes coexistence filters for both transmit and receive channels.
The device is matched to 50 Ω and integrates harmonic and out of band filtering which
minimizes the layout area in the application.
2 Features and benefits
• Small-size 2 x 2 MIMO RFFE module for WiFi 6 applications
• Integrated power amplifiers with multiple operation modes for dynamic power efficiency
and linearity control
• Full high band 5.150 GHz to 5.925 GHz
• 3 TX operation modes enabling flexibility for power efficiency adaptation
• Integrated low-noise amplifiers supporting high gain and bypass modes
• Integrated SPDT switches for single antenna RX and TX operation
• Integrated directional couplers for precise transmit power control
• Requires no external matching components, DC free input/output ports
• Integrated RF decoupling capacitors for all VCC and control pins
• Low profile, small-size 3 mm x 4 mm package
• Integrated ESD protection on all pins
– Human Body Model (HBM) according to ANSI/ESDA/JEDEC standard JS-001
exceeds 2 kV
– Charged Device Model (CDM) according to ANSI/ESDA/JEDEC standard JS-002
exceeds 500 V
3 Applications
• Wi-Fi 6 support
• Smartphones, tablets, netbooks, and other portable computing devices
• Module applications for embedded systems


Similar Part No. - WLAN8101CMP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
WLAN8101H NXP-WLAN8101H Datasheet
380Kb / 23P
2.4 GHz Wi-Fi 6 Front-End Module
Rev. 6 ??11 August 2020
WLAN8101HMP NXP-WLAN8101HMP Datasheet
380Kb / 23P
2.4 GHz Wi-Fi 6 Front-End Module
Rev. 6 ??11 August 2020
More results

Similar Description - WLAN8101CMP

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4526 QORVO-QPF4526 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
QPF4588A QORVO-QPF4588A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4551 QORVO-QPF4551 Datasheet
151Kb / 2P
Wi-Fi 6 Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4288A QORVO-QPF4288A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4211 QORVO-QPF4211 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
RFFM8516 QORVO-RFFM8516 Datasheet
701Kb / 13P
5.0 GHz Wi-Fi Front-End Module
logo
NXP Semiconductors
WLAN7102C NXP-WLAN7102C Datasheet
426Kb / 23P
5 GHz Wi-Fi 6 Front-End IC
Rev. 4-15 September 2020
logo
Qorvo, Inc
QPF4532 QORVO-QPF4532 Datasheet
154Kb / 2P
Wi-Fi 6 Front End Module
logo
NXP Semiconductors
WLAN8101H NXP-WLAN8101H Datasheet
380Kb / 23P
2.4 GHz Wi-Fi 6 Front-End Module
Rev. 6 ??11 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com