Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 3 Page - NXP Semiconductors

  WLAN8101CMP Datasheet HTML 1Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 2Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 3Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 4Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 5Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 6Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 7Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 8Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
5 Ordering information
Package
Type
number
Orderable part
number
Name
Description
Version
WLAN8101C WLAN8101C
MP
HFCPLGA38
3 mm x 4 mm x 0.65 mm package, 0.35 mm pitch, 38 pins
SOT2022-1
Table 2. Ordering information
6 Marking
Type number
Marking code
WLAN8101C
8101C
Table 3. Marking
7 Functional diagram
aaa-034077
TX 1
PA
LNA
CPLR 1
ANT 1
RX 1
VCC
GND
PAEN_x
LNAEN_x
SEL3_x
TX 0
PA
LNA
CPLR 0
ANT 0
RX 0
Figure 1. Functional diagram. The x at the control pins stands for port 0 and port1.
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
3 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com