Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 5 Page - NXP Semiconductors

  WLAN8101CMP Datasheet HTML 1Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 2Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 3Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 4Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 5Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 6Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 7Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 8Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
9 Functional description
9.1 Parallel interface control states per MIMO channel
Control pin SEL3_x, LNAEN_x, and PAEN_x contain internal pull-down resistors. The parallel interface table applies to both
_0 and _1 control pins.[1]
SEL3_x LNAEN_x PAEN_x Signal
path
Operating
mode
Mode description
LNA bias PA bias
0
0
0
-
-
high isolation (default)
off
off
0
0
1
TX to ANT TX_gain1a
high gain, high linearity, 11ax
compliant
off
on
1
0
1
TX to ANT TX_gain2a
high gain, high linearity, 3 dB back off,
11ax compliant
off
on
1
1
1
TX to ANT TX_gain3
low gain, low power, 11ax compliant
off
on
1
1
0
-
-
reserved
-
-
1
0
0
-
-
reserved
-
-
0
1
0
ANT to RX RX_gain
normal gain
on
off
0
1
1
ANT to RX RX_bypass
bypass
off
off
Table 5. Parallel interface control states per MIMO channel
[1]
Binary represented logic levels, where 0 denotes a logic low (Vi ≤ VIL) and 1 denotes a logic high (Vi ≥ VIH)
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
5 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com