Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 2 Page - NXP Semiconductors

  WLAN8101CMP Datasheet HTML 1Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 2Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 3Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 4Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 5Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 6Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 7Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 8Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
4 Quick reference data
Tamb = 25 °C; VCC = 3.85 V; VIH = 1.8 V; VIL = 0 V; Zs = ZL = 50 Ω; Pi = -30 dBm for RX, Pi = -10 dBm for TX,
f = 5.150 GHz to 5.925 GHz, single channel performance. Unless otherwise specified. All values are measured at product
input/output as reference plane. Measurements are done using the application schematic. (See application note AN12711)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
RF performance from ANT to RX
RX_gain
-
11.6
-
mA
ICC
supply current
RX_bypass mode
-
7.5
-
µA
RX_gain
-
16
-
dB
Gp
power gain
RX_bypass mode
-
-5.5
-
dB
NF
noise figure
RX_gain
-
2.5
-
dB
Pi(1dB)
input power at 1 dB
gain compression point
RX_gain
-
-9
-
dBm
RX_gain mode, looking into ANT pin
-
10
-
dB
RLi
input return loss
RX_bypass mode, looking into ANT pin
-
9
-
dB
RX_gain mode, looking into RX pin
-
10
-
dB
RLo
output return loss
RX_bypass mode, looking into RX pin
-
10
-
dB
RF performance from TX to ANT
ICC
supply current
TX_gain1a (11ax compliant mode), 22dBm_11a,
6 Mbp/s spectral mask compliant
-
325
-
mA
TX_gain1a (11ax compliant, high-power mode)
-
30
-
dB
TX_gain2a (11ax compliant, 3 dB back-off mode)
-
27.5
-
dB
Gp
power gain
TX_gain3 (11ax compliant, low-power mode)
-
16
-
dB
all TX modes, for any 80 MHz bandwidth
-
+/-0.25 -
dB
Gflat
gain flatness
all TX modes, for entire frequency range
-
+/-0.75 -
dB
EVMdyn
dynamic error vector
magnitude
11ax MCS10/11, TX_gain1a, 14 dBm,
180 μs burst, 50 % duty cycle, HE80
-
-44.5
-
dB
RLi
input return loss
looking into TX pin
-
10
-
dB
RLo
output return loss
looking into ANT pin
-
8
-
dB
High Isolation performance from ANT to RX
ICC
supply current
high isolation (default), dual channel
-
15
-
µA
ISL(ANT-RX) ANT-RX isolation
high isolation (default)
35
-
-
dB
Table 1. Quick reference data
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
2 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com