Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button WLAN8101CMP Datasheet HTML 6Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 7Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 8Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 9Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 10Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 11Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 12Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 13Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
Tamb = 25 °C; VCC = 3.85 V; VIH = 1.8 V; VIL = 0 V; All ports are terminated with 50 Ω; Pi = -30 dBm,
f = 5.150 GHz to 5.925 GHz, single channel performance. Unless otherwise specified. All values are measured at product
input/output as reference plane. Measurements are done using the application schematic. (See application note AN12711)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
11n, MCS7, HT20, 180 μs burst, 50 % duty cycle
TX_gain1a, Po = 18.5 dBm
-
-34
-
dB
TX_gain2a, Po = 15.5 dBm
-
-34
-
dB
11ac, MCS9, VHT80, 180 μs burst, 50 % duty cycle
TX_gain1a, Po = 17 dBm
-
-40
-
dB
TX_gain2a, Po = 14 dBm
-
-40
-
dB
11ax, MCS10/11, HE80,180 μs burst, 50 % duty cycle
TX_gain1a, Po = 16 dBm
-
-43
-
dB
TX_gain1a, Po = 14 dBm
-
-44.5
-
dB
TX_gain2a, Po = 13 dBm
-
-43.5
-
dB
TX_gain2a, Po = 11 dBm
-
-44.5
-
dB
TX_gain3, Po = 4.0 dBm
-
-44
-
dB
11a, OFDM6
ɑ2H
second harmonic
emission level
TX_gain1a, Po = 22 dBm
-
-23
-
dBm/MHz
11a, OFDM6
ɑ3H
third harmonic
emission level
TX_gain1a, Po = 22 dBm
-
-21
-
dBm/MHz
Table 11. RF performance from TX to ANT...continued
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
10 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com