Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 4 Page - NXP Semiconductors

  WLAN8101CMP Datasheet HTML 1Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 2Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 3Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 4Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 5Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 6Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 7Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 8Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
8 Pinning information
8.1 Pinning diagram
aaa-034125
Transparent top view
GND
SEL3_1
LNAEN_1
PAEN_1
VCC
VCC
VCC
GND
GND
25
24
SEL3_0
23
LNAEN_0
22
PAEN_0
21
20
VCC
19
18
1
2
3
4
5
6
7
8
VCC
VCC
GND
terminal 1
index area
35
38
36
37
Figure 2. Pin diagram
8.2 Pin description
Pin
Symbol
Description
1, 8, 10, 13, 16, 18, 25, 26, 27, 29, 30, 31, 33, 34, 35, 36, 37, and 38 GND
Ground
2
SEL3_1
select control
24
SEL3_0
select control
3
LNAEN_1 LNA enable
23
LNAEN_0 LNA enable
4
PAEN_1 PA enable
22
PAEN_0 PA enable
5, 6, 7, 19, 20 and 21
VCC
supply voltage
9
TX_1
TX port
17
TX_0
TX port
11
RX_1
RX port
15
RX_0
RX port
12
CPLR_1 coupler port
14
CPLR_0 coupler port
28
ANT_0
antenna port
32
ANT_1
antenna port
Table 4. Pin description
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
4 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com