Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button WLAN8101CMP Datasheet HTML 2Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 3Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 4Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 5Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 6Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 7Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 8Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 9Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
10 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min Typ
Max
Unit
VCC
supply
voltage
[1] -0.3 -
6
V
Vi
input voltage applied to control pins SEL3_x, LNAEN_x, and PAEN_x,
digital control signals for RX, TX, and isolation modes
-0.3 -
4.2
V
on ANT pin, RX LNA mode, MCS0 signal applied
-
-
10
dBm
on ANT pin, RX Bypass mode, MCS0 signal applied
-
-
18
dBm
Pi
input power
on TX pin, MCS0 signal applied
-
-
10
dBm
TX_RUG
TX
ruggedness
(no
irreversible
damage)
VCC = 4.75 V, applied to TX_gain1a modes,
Po = 24 dBm_MCS0 under 50 Ω load condition.
The required Pi level is kept constant during ruggedness
test, VSWR all phases
-
-
10:1
-
Tstg
storage
temperature
-55 -
125
°C
Tj
junction
temperature
-
-
175
°C
Tmb
mounting
base
temperature
-
-
100
°C
Human Body Model (HBM) according to
ANSI/ESDA/JEDEC standard JS-001
-
-
2
kV
VESD
Electrostatic
Discharge
Voltage
Charged Device Model (CDM) according to
ANSI/ESDA/JEDEC standard JS-002
-
-
500
V
Table 6. Limiting values
[1]
Product withstands 30000 charger insert and pull-out events with a duration of 100 ms and a maximum supply voltage of 6 V
11 Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
foper
operating frequency
5.150
-
5.925
GHz
VCC
supply voltage
on pin VCC
[1] 2.70
3.85
4.75
V
VIH
HIGH-level input voltage
1.6
1.8
3.6
V
VIL
LOW-level input voltage
0.0
-
0.4
V
Tamb
ambient temperature
-40
25
85
°C
Table 7. Recommended operating conditions
[1]
Product is functional with reduced performance at supply voltages from 2.5 V to 2.7 V.
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
6 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com