Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLAN8101CMP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # WLAN8101CMP
Description  5 GHz Wi-Fi 6 Front-End Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLAN8101CMP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button WLAN8101CMP Datasheet HTML 7Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 8Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 9Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 10Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 11Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 12Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 13Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 14Page - NXP Semiconductors WLAN8101CMP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NXP Semiconductors
WLAN8101C
5 GHz Wi-Fi 6 Front-End Module
13.4 High isolation performance from ANT to RX
Tamb = 25 °C; VCC = 3.85 V; VIH = 1.8 V; VIL = 0 V; All ports are terminated with 50 Ω; Pi = -30 dBm,
f = 5.150 GHz to 5.925 GHz. Unless otherwise specified. All values are measured at product input/output as reference
plane. Measurements are done using the application schematic. (See application note AN12711)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC
supply current
high isolation (default), dual
channel
-
15
-
µA
ISL(ANT-RX) ANT-RX isolation
high isolation (default)
35
-
-
dB
Table 12. High isolation performance from ANT to RX
13.5 Directional coupler
Tamb = 25 °C; VCC = 3.85 V; VIH = 1.8 V; VIL = 0 V; All ports are terminated with 50 Ω; Pi = -30 dBm,
f = 5.150 GHz to 5.925 GHz, single channel performance. Unless otherwise specified. All values are measured at product
input/output as reference plane.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
measured in Ch-0,TX_gain1a, and
TX_gain2a modes, f = 5.540 GHz
-
23.5
-
dB
Rcpl
coupling ratio
measured in Ch-1,TX_gain1a, and
TX_gain2a modes, f = 5.540 GHz
-
24.5
-
dB
ΔRcpl(f)
variation of coupling ratio over
frequency
positive slope versus frequency,
f = 5.150 GHz to 5.925 GHz
-
+/-0.7 -
dB
D
directivity
measured in all TX modes
-
14
-
dB
RLi(CPLR)
coupler input return loss
looking into CPLR pin
-
10
-
dB
Table 13. Power coupler RF Performance
WLAN8101C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 11 August 2020
11 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com