Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 18 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 14Page - Microchip Technology USB7252P Datasheet HTML 15Page - Microchip Technology USB7252P Datasheet HTML 16Page - Microchip Technology USB7252P Datasheet HTML 17Page - Microchip Technology USB7252P Datasheet HTML 18Page - Microchip Technology USB7252P Datasheet HTML 19Page - Microchip Technology USB7252P Datasheet HTML 20Page - Microchip Technology USB7252P Datasheet HTML 21Page - Microchip Technology USB7252P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
USB7252P
DS00003561A-page 18
2018 - 2020 Microchip Technology Inc.
Note 3-12
Configuration strap values are latched on Power-On Reset (POR) and the rising edge of
RESET_N
(external chip reset). Configuration straps are identified by an underlined symbol name. Signals that
function as configuration straps must be augmented with an external resistor when connected to a
load. For additional information, refer to Section 3.3, Configuration Straps and Programmable
Functions.
Note 3-13
Pin use is mandatory. Cannot be left unused.
3.3
Configuration Straps and Programmable Functions
Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset
(
RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following
deassertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the var-
ious device configuration straps and associated programmable pin functions.
Battery Charging
Configuration
Strap
CFG_BC_EN
I/O12
Battery Charging Configuration Strap.
This configuration strap controls the number
of BC 1.2 enabled downstream ports. See
Note 3-13.
Note 3-11
Mandatory if external SPI
memory is not used for
firmware e xe cu tion . If
external SPI memory is
us ed
fo r
firmwa re
ex ec utio n,
the n
configuration strap resistor
should be omitted.
Mandatory
Note 3-12
Device Mode
Configuration
Straps 3-1
CFG_STRAP[3:1]
I
Device Mode Configuration Straps 3-1.
These configuration straps are used to
select the device’s mode of operation. See
Note 3-13.
Mandatory
Note 3-12
Power/Ground
+3.3V I/O Power
Supply Input
VDD33
P
+3.3 V power and internal regulator input.
Mandatory
Note 3-12
Digital Core
Power Supply
Input
VCORE
P
Digital core power supply input.
Mandatory
Note 3-12
Ground
VSS
P
Common ground.
This exposed pad must be connected to the
ground plane with a via array.
Mandatory
Note 3-12
Note:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 9.6.2, Power-On and Configuration Strap Timing and Section 9.6.3, Reset and Configuration Strap
Timing. If configuration straps are not at the correct voltage level prior to being latched, the device may
capture incorrect strap values.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com