Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 24 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 20Page - Microchip Technology USB7252P Datasheet HTML 21Page - Microchip Technology USB7252P Datasheet HTML 22Page - Microchip Technology USB7252P Datasheet HTML 23Page - Microchip Technology USB7252P Datasheet HTML 24Page - Microchip Technology USB7252P Datasheet HTML 25Page - Microchip Technology USB7252P Datasheet HTML 26Page - Microchip Technology USB7252P Datasheet HTML 27Page - Microchip Technology USB7252P Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
USB7252P
DS00003561A-page 24
2018 - 2020 Microchip Technology Inc.
DP2_DISCHARGE
I/O12
Port 2 DISCHARGE enable. Active high signal.
0 = VBUS discharging is not active.
1 = VBUS is being discharged to GND. This pin only asserts for a
short duration when VBUS is being discharged from 5V (vSafe5V)
to 0V (vSafe0V).
Note 3-3
This pin can be left unused only if Port 2 is
disabled or reconfigured to operate as a legacy
Type-A port via OTP/SMBus/SPI configuration.
Weak pull-
down to
GND
(Note 3-3)
DP1_VCONN1
I/O12
Port 1 VCONN1 enable. Active high signal.
0 = VCONN is turned off.
1 = VCONN is turned on. If DP1_VCONN1 is asserted and >3.0V is
not sensed on the CC1 line, a VCONN fault condition is detected.
Note 3-4
This pin can be left unused only if Port 1 is
disabled or reconfigured to operate as a legacy
Type-A port via OTP/SMBus/SPI configuration.
Weak pull-
down to
GND
(Note 3-4)
DP1_VCONN2
I/O12
Port 1 VCONN2 enable. Active high signal.
0 = VCONN is turned off.
1 = VCONN is turned on. If DP1_VCONN2 is asserted and >3.0V is
not sensed on the CC2 line, a VCONN fault condition is detected.
Note 3-5
This pin can be left unused only if Port 1 is
disabled or reconfigured to operate as a legacy
Type-A port via OTP/SMBus/SPI configuration.
Weak pull-
down to
GND
(Note 3-5)
DP1_DISCHARGE
I/O12
Port 1 DISCHARGE enable. Active high signal.
0 = VBUS discharging is not active.
1 = VBUS is being discharged to GND. This pin only asserts for a
short duration when VBUS is being discharged from 5V (vSafe5V)
to 0V (vSafe0V).
Note 3-6
This pin can be left unused only if Port 1 is
disabled or reconfigured to operate as a legacy
Type-A port via OTP/SMBus/SPI configuration.
Weak pull-
down to
GND
(Note 3-6)
PRT_CTL4
I/O12
(PU)
Port 4 power enable / overcurrent sense
When the downstream port is enabled, this pin is set as an input
with an internal pull-up resistor applied. The internal pull-up
enables power to the downstream port while the pin monitors for an
active low overcurrent signal assertion from an external current
monitor on USB port 4.
This pin will change to an output and be driven low when the port is
disabled by configuration or by the host control.
Note:
This signal controls both the USB 2.0 and USB 3.2 por-
tions of the port.
Note 3-7
This pin can be left unused only if Port 4 is
disabled via strap/OTP/SMBus/SPI configuration.
Float
(Note 3-7)
TABLE 3-6:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Function
Buffer
Type
Description
If Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com