Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 14 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 10Page - Microchip Technology USB7252P Datasheet HTML 11Page - Microchip Technology USB7252P Datasheet HTML 12Page - Microchip Technology USB7252P Datasheet HTML 13Page - Microchip Technology USB7252P Datasheet HTML 14Page - Microchip Technology USB7252P Datasheet HTML 15Page - Microchip Technology USB7252P Datasheet HTML 16Page - Microchip Technology USB7252P Datasheet HTML 17Page - Microchip Technology USB7252P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
USB7252P
DS00003561A-page 14
2018 - 2020 Microchip Technology Inc.
Downstream
Port 1 Type-C
CC2
DP1_CC2
I/O12
Used for Type-C attach and orientation
detection on Port 1. Includes configurable
Rp/Ra selection. Connect this pin directly to
the CC2 pin of the respective Type-C con-
nector.
Note 3-5
If unused: Weak pull-down
to GND. This pin may only
be left unused if Port 1 is
disabled or reconfigured to
operate in legacy Type-A
mod e
thro ug h
hu b
configuration.
Note 3-5
Downstream
Port 2 Type-C
Voltage Monitor
DP2_VBUS_MON
AIO
Used for detect Type-C VBUS vSafe5V and
vSafe0V states on Port 2. A nominal volt-
age of 2.7V (2.4V min -3.0V max) is
required to detect the presence of vSafe5V.
Externally, VBUS can be as high as 5.25 V,
which can be damaging to this pin. The
amplitude of VBUS must be reduced by a
voltage divider. The recommended voltage
divider is shown below. 1% tolerance resis-
tors are recommended.
For proper Type-C port operation, it is criti-
cal that this pin actually be connected to
VBUS of the port through the recommended
resistor divider. This pin should not be tied
permanently to a fixed voltage power rail.
Note 3-6
If unused: Weak pull-down
to GND. This pin may be
left unused if Port 2 is
disabled or reconfigured to
operate in legacy Type-A
mod e
thro ug h
hu b
configuration.
Note 3-6
Downstream
Port 2 Type-C
CC1
DP2_CC1
I/O12
Used for Type-C attach and orientation
detection on Port 2. Includes configurable
Rp/Ra selection. Connect this pin directly to
the CC1 pin of the respective Type-C con-
nector.
Note 3-7
If unused: Weak pull-down
to GND. This pin may only
be left unused if Port 2 is
disabled or reconfigured to
operate in legacy Type-A
mod e
thro ug h
hu b
configuration.
Note 3-7
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused
VBUS_P2
43K
DP2_VBUS_MON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com