Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 52 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 52 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 48Page - Microchip Technology USB7252P Datasheet HTML 49Page - Microchip Technology USB7252P Datasheet HTML 50Page - Microchip Technology USB7252P Datasheet HTML 51Page - Microchip Technology USB7252P Datasheet HTML 52Page - Microchip Technology USB7252P Datasheet HTML 53Page - Microchip Technology USB7252P Datasheet HTML 54Page - Microchip Technology USB7252P Datasheet HTML 55Page - Microchip Technology USB7252P Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
USB7252P
DS00003561A-page 52
2018 - 2020 Microchip Technology Inc.
9.6.5
USB ATTACH COMMAND TO SMBUS SLAVE READY TIMING
Figure 9-6 illustrates the SMBus Slave interface readiness in relation to ACK of the Slave interface to the “USB Attach
with SMBus Runtime Access” (AA56h) from the SMBus Master. In order to ensure reliable SMBus slave operation, the
SMBus master must allow the bus to remain idle after issuing the “USB Attach with SMBus Runtime Access” until tAT-
TACH_RDY timing has been met.
Note 6: The tATTACH_RDY values are preliminary and subject to change.
9.6.6
USB TIMING
All device USB signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Uni-
versal Serial Bus Specification. Please refer to the Universal Serial Bus Revision 3.2 Specification, available at http://
www.usb.org/developers/docs.
9.6.7
SMBUS TIMING
All device SMBus signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Sys-
tem Management Bus Specification. Please refer to the System Management Bus Specification, Version 1.0, available
at http://smbus.org/specs.
9.6.8
I2C TIMING
All device I2C signals conform to the 100KHz Standard-mode (Sm) and 400KHz Fast Mode (Fm) voltage, power, and
timing characteristics/specifications as set forth in the I2C-Bus Specification. Additionally, the Power Delivery I2C inter-
face (PD_I2C_CLK/PD_I2C_DATA) also supports the 1MHz Fast-mode Plus (Fm+) mode of operation. Please refer to
the I2C-Bus Specification, available at http://www.nxp.com/documents/user_manual/UM10204.pdf.
9.6.9
I2S TIMING
All device I2S signals conform to the voltage, power, and timing characteristics/specifications as set forth in the I2S-Bus
Specification. Please refer to the I2S-Bus Specification, available at www.sparkfun.com/datasheets/BreakoutBoards/
I2SBUS.pdf
Note:
When accessing SMBus during runtime, it is critical to force some clocks to stay on. If this step is not taken,
the SMBus slave interface will not be accessible while the hub is placed into a Suspend state by the host.
FIGURE 9-6:
USB ATTACH COMMAND TO SMBUS SLAVE READY TIMING
TABLE 9-8:
USB ATTACH COMMAND TO SMBUS SLAVE READY TIMING
Symbol
Description
Min
Typ
Max
Units
tATTACH_RDY USB Attach command to SMBus ready (Note 6)
11.5
ms
SMBus
SMBus commands accepted
(if ‘Attach with I2C slave enabled during
runtime’ command is used)
SMBus interface not available
(slave interface will stretch clock if addressed)
SOC_CFG Stage
Attach
Command ACK
Runtime Stage
SOC_CFG Stage
At tach
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com