Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 39 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 35Page - Microchip Technology USB7252P Datasheet HTML 36Page - Microchip Technology USB7252P Datasheet HTML 37Page - Microchip Technology USB7252P Datasheet HTML 38Page - Microchip Technology USB7252P Datasheet HTML 39Page - Microchip Technology USB7252P Datasheet HTML 40Page - Microchip Technology USB7252P Datasheet HTML 41Page - Microchip Technology USB7252P Datasheet HTML 42Page - Microchip Technology USB7252P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003561A-page 39
USB7252P
8.2
Port Power Control
Port power and over-current sense share the same pin (
PRT_CTLx) for each port. These functions can be controlled
directly from the USB hub, or via the processor.
8.2.1
PORT POWER CONTROL USING USB POWER SWITCH
When operating in combined mode, the device will have one port power control and over-current sense pin for each
downstream port. When disabling port power, the driver will actively drive a '0'. To avoid unnecessary power dissipation,
the pull-up resistor will be disabled at that time. When port power is enabled, it will disable the output driver and enable
the pull-up resistor, making it an open drain output. If there is an over-current situation, the USB Power Switch will assert
the open drain OCS signal. The Schmidt trigger input will recognize that as a low. The open drain output does not inter-
fere. The over-current sense filter handles the transient conditions such as low voltage while the device is powering up.
Note:
The
PRT_CTLx function is assigned to programmable function pins (PFx) via configuration straps. Refer
to Section 3.3.4, PF[31:2] Configuration (CFG_STRAP[2:1]) for additional information.
Note:
The port power control for the USB 2.0 and USB 3.2 portions of a specific port can also be individually con-
trolled via the PortSplit function. Refer to Section 8.5, PortSplit for additional information.
Note:
An external power switch is the required implementation for Type-C ports due to the requirement that VBUS
on Type-C ports must be discharged to 0V when no device is attached to the port.
FIGURE 8-2:
PORT POWER CONTROL WITH USB POWER SWITCH
USB Power
Switch
50k
PRTPWR
EN
OCS
OCS
Pull‐Up Enable
5V
USB 
Device
FILTER
PRT_CTLx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com