Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 31 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 27Page - Microchip Technology USB7252P Datasheet HTML 28Page - Microchip Technology USB7252P Datasheet HTML 29Page - Microchip Technology USB7252P Datasheet HTML 30Page - Microchip Technology USB7252P Datasheet HTML 31Page - Microchip Technology USB7252P Datasheet HTML 32Page - Microchip Technology USB7252P Datasheet HTML 33Page - Microchip Technology USB7252P Datasheet HTML 34Page - Microchip Technology USB7252P Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003561A-page 31
USB7252P
5.0
MODES OF OPERATION
The device provides two main modes of operation: Standby Mode and Hub Mode. These modes are controlled via the
RESET_N pin, as shown in Table 5-1.
The flowchart in Figure 5-1 details the modes of operation and details how the device traverses through the Hub Mode
stages (shown in bold). The remaining sub-sections provide more detail on each stage of operation.
TABLE 5-1:
MODES OF OPERATION
RESET_N Input
Summary
0
Standby Mode: This is the lowest power mode of the device. No functions are active
other than monitoring the
RESET_N input. All port interfaces are high impedance and
the PLL is halted. Refer to Section 8.13, Resets for additional information on
RESET_N.
1
Hub (Normal) Mode: The device operates as a configurable USB hub. This mode has
various sub-modes of operation, as detailed in Figure 5-1. Power consumption is based
on the number of active ports, their speed, and amount of data received.
FIGURE 5-1:
HUB MODE FLOWCHART
Combine OTP
Config Data
In SPI Mode
& Ext. SPI ROM
present?
YES
NO
Run From
External SPI ROM
(SPI_INIT)
SMBus Slave Pull-ups?
RESET_N deasserted
Modify Config
Based on Config
Straps
(CFG_ROM)
Load Config from
Internal ROM
YES
NO
(SMBUS_CHECK)
Perform SMBus/I
2C
Initialization
SOC Done?
YES
NO
(CFG_SMBUS)
(CFG_OTP)
Hub Connect
(USB_ATTACH)
Normal Operation
(NORMAL_MODE)
(CFG_STRAP)
Configuration 1?
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com