Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 43 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 39Page - Microchip Technology USB7252P Datasheet HTML 40Page - Microchip Technology USB7252P Datasheet HTML 41Page - Microchip Technology USB7252P Datasheet HTML 42Page - Microchip Technology USB7252P Datasheet HTML 43Page - Microchip Technology USB7252P Datasheet HTML 44Page - Microchip Technology USB7252P Datasheet HTML 45Page - Microchip Technology USB7252P Datasheet HTML 46Page - Microchip Technology USB7252P Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003561A-page 43
USB7252P
8.8
USB to GPIO Bridging
The USB to GPIO bridging feature provides system designers expanded system control and potential BOM reduction.
General Purpose Input/Outputs (GPIOs) may be used for any general 3.3V level digital control and input functions.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Set the direction of the GPIO (input or output)
• Enable a pull-up resistor
• Enable a pull-down resistor
• Read the state
• Set the state
For detailed information on utilizing the USB to GPIO bridging feature, refer to the application note “USB to GPIO Bridg-
ing with Microchip USB7202 and USB725x Hubs”, which can be found on the Microchip USB7252P product page at
www.microchip.com/USB7252P.
8.9
USB to I2C Bridging
The USB to I2C bridging feature provides system designers expanded system control and potential BOM reduction. The
use of a separate USB to I2C device is no longer required and a downstream USB port is not lost, as occurs when a
standalone USB to I2C device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Configure I2C Pass-Through Interface
• I2C Write
• I2C Read
For detailed information on utilizing the USB to I2C bridging feature, refer to the application note “USB to I2C Bridging
with Microchip USB7202 and USB725x Hubs”, which can be found on the Microchip USB7252P product page at
www.microchip.com/USB7252P.
8.10 USB to SPI Bridging
The USB to SPI bridging feature provides system designers expanded system control and potential BOM reduction. The
use of a separate USB to SPI device is no longer required and a downstream USB port is not lost, as occurs when a
standalone USB to SPI device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Enable SPI Pass-Through Interface
• SPI Write/Read
• Disable SPI Pass-Through Interface
For detailed information on utilizing the USB to SPI bridging feature, refer to the application note “USB to SPI Bridging
with Microchip USB7202 and USB725x Hubs”, which can be found on the Microchip USB7252P product page at
www.microchip.com/USB7252P.
8.11 USB to UART Bridging
The USB to UART bridging feature provides system designers with expanded system control and potential BOM reduc-
tion. When using Microchip’s USB hubs, a separate USB to UART device is no longer required and a downstream USB
port is not lost, as occurs when a standalone USB to UART device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Enable/Disable UART Interface
• Set UART Interface Baud Rate
• UART Write
• UART Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com