Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 20 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 16Page - Microchip Technology USB7252P Datasheet HTML 17Page - Microchip Technology USB7252P Datasheet HTML 18Page - Microchip Technology USB7252P Datasheet HTML 19Page - Microchip Technology USB7252P Datasheet HTML 20Page - Microchip Technology USB7252P Datasheet HTML 21Page - Microchip Technology USB7252P Datasheet HTML 22Page - Microchip Technology USB7252P Datasheet HTML 23Page - Microchip Technology USB7252P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
USB7252P
DS00003561A-page 20
2018 - 2020 Microchip Technology Inc.
A summary of the configuration pin assignments for each of the 4 configurations is provided in Table 3-5. For details on
behavior of each programmable function, refer to Table 3-6.
Note:
CFG_STRAP3 is not used and must be pulled-down to ground via a 200 kresistor.
TABLE 3-4:
CFG_STRAP[2:1] RESISTOR ENCODING
Mode
CFG_STRAP2
Resistor Value
CFG_STRAP1
Resistor Value
Configuration 1
200 kΩ Pull-Down
200 kΩ Pull-Down
Configuration 2
200 kΩ Pull-Down
200 kΩ Pull-Up
Configuration 3
200 kΩ Pull-Down
10 kΩ Pull-Down
Configuration 4
200 kΩ Pull-Down
10 kΩ Pull-Up
TABLE 3-5:
PF[31:2] FUNCTION ASSIGNMENT
Pin
Configuration 1
(SMBus/I2C)
Configuration 2
(I2S)
Configuration 3
(UART)
Configuration 4
(GPIO & FlexConnect)
PF2
DP1_VCONN1
DP1_VCONN1
DP1_VCONN1
DP1_VCONN1
PF3
DP1_VCONN2
DP1_VCONN2
DP1_VCONN2
DP1_VCONN2
PF4
DP2_DISCHARGE
DP2_DISCHARGE
DP2_DISCHARGE
DP2_DISCHARGE
PF5
DP1_DISCHARGE
DP1_DISCHARGE
DP1_DISCHARGE
DP1_DISCHARGE
PF6
GPIO70
GPIO70
UART_RX
GPIO70
PF7
GPIO71
MIC_DET
UART_TX
GPIO71
PF8
PD_I2C_DATA
PD_I2C_DATA
PD_I2C_DATA
PD_I2C_DATA
PF9
PD_I2C_CLK
PD_I2C_CLK
PD_I2C_CLK
PD_I2C_CLK
PF10
DP2_VCONN1
DP2_VCONN1
DP2_VCONN1
DP2_VCONN1
PF11
DP2_VCONN2
DP2_VCONN2
DP2_VCONN2
DP2_VCONN2
PF12
PRT_CTL3_U3
PRT_CTL3_U3
PRT_CTL3_U3
PRT_CTL3_U3
PF13
PRT_CTL3
PRT_CTL3
PRT_CTL3
PRT_CTL3
PF14
GPIO78
I2S_SDI
UART_nCTS
GPIO78
PF15
PRT_CTL2
PRT_CTL2
PRT_CTL2
PRT_CTL2
PF16
PRT_CTL4
PRT_CTL4
PRT_CTL4
PRT_CTL4
PF17
PRT_CTL1
PRT_CTL1
PRT_CTL1
PRT_CTL1
PF18
ALERT0
ALERT0
ALERT0
ALERT0
PF19
SLV_I2C_DATA
I2S_SDO
UART_nRTS
GPIO83
PF20
SPI_CE_N
SPI_CE_N
SPI_CE_N
SPI_CE_N
PF21
SPI_CLK
SPI_CLK
SPI_CLK
SPI_CLK
PF22
SPI_D0
SPI_D0
SPI_D0
SPI_D0
PF23
SPI_D1
SPI_D1
SPI_D1
SPI_D1
PF24
SPI_D2
SPI_D2
SPI_D2
SPI_D2
PF25
SPI_D3
SPI_D3
SPI_D3
SPI_D3
PF26
SLV_I2C_CLK
I2S_SCK
UART_nDSR
GPIO90
PF27
GPIO91
I2S_MCLK
UART_nDTR
GPIO91
PF28
GPIO92
I2S_LRCK
UART_nDCD
GPIO92
PF29
(Note 3-1)
(Note 3-1)
(Note 3-1)
(Note 3-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com