Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 15 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 11Page - Microchip Technology USB7252P Datasheet HTML 12Page - Microchip Technology USB7252P Datasheet HTML 13Page - Microchip Technology USB7252P Datasheet HTML 14Page - Microchip Technology USB7252P Datasheet HTML 15Page - Microchip Technology USB7252P Datasheet HTML 16Page - Microchip Technology USB7252P Datasheet HTML 17Page - Microchip Technology USB7252P Datasheet HTML 18Page - Microchip Technology USB7252P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003561A-page 15
USB7252P
Downstream
Port 2 Type-C
CC2
DP2_CC2
I/O12
Used for Type-C attach and orientation
detection on Port 2. Includes configurable
Rp/Ra selection. Connect this pin directly to
the CC2 pin of the respective Type-C con-
nector.
Note 3-8
If unused: Weak pull-down
to GND. This pin may only
be left unused if Port 2 is
disabled or reconfigured to
operate in legacy Type-A
mod e
thro ug h
hu b
configuration.
Note 3-8
Upstream
Voltage Monitor
VBUS_MON_UP
I/O12
Used to detect VBUS on the upstream port.
Externally, VBUS can be as high as 5.25 V,
which can be damaging to this pin. A nomi-
nal voltage of 2.7V (2.4V min -3.0V max) is
required to detect the presence of vSafe5V.
The amplitude of VBUS must be reduced by
a voltage divider. The recommended voltage
divider is shown below. 1% tolerance resis-
tors are recommended.
Note:
For embedded host applications,
this pin should be controlled by
an I/O on the host processor to a
2.68V logic level.
Mandatory
Note 3-12
Miscellaneous
Programmable
Function Pins
PF[31:2]
I/O12
Programmable function pins.
Note 3-9
If unused: depends on the
configured pin function.
Refer to Section 3.3.4,
PF[31:2] Configuration
(CFG_STRAP[2:1])
Note 3-9
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused
VBUS_UP
43K
VBUS_MON_UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com