Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P Datasheet(PDF) 23 Page - Microchip Technology

Part # USB7252P
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB7252P Datasheet HTML 19Page - Microchip Technology USB7252P Datasheet HTML 20Page - Microchip Technology USB7252P Datasheet HTML 21Page - Microchip Technology USB7252P Datasheet HTML 22Page - Microchip Technology USB7252P Datasheet HTML 23Page - Microchip Technology USB7252P Datasheet HTML 24Page - Microchip Technology USB7252P Datasheet HTML 25Page - Microchip Technology USB7252P Datasheet HTML 26Page - Microchip Technology USB7252P Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003561A-page 23
USB7252P
I2S Interface
I2S_SDI
I
I2S Serial Data In
Weak pull-
down to
GND
I2S_SDO
O12
I2S Serial Data Out
Weak pull-
down to
GND
I2S_SCK
O12
I2S Continuous Serial Clock
Weak pull-
down to
GND
I2S_LRCK
O12
I2S Word Select / Left-Right Clock
Weak pull-
down to
GND
I2S_MCLK
O12
I2S Master Clock
Weak pull-
down to
GND
MIC_DET
I
I2S Microphone Plug Detect
0 = No microphone plugged into the audio jack
1 = Microphone plugged into the audio jack
Weak pull-
down to
GND
Miscellaneous
ALERT0
I
Alert 0
Interrupt input for connection to the local companion (UPD360/
UPD350) power delivery controller’s IRQ# signal.
DP2_VCONN1
I/O12
Port 2 VCONN1 enable. Active high signal.
0 = VCONN is turned off.
1 = VCONN is turned on. If DP2_VCONN1 is asserted and >3.0V is
not sensed on the CC1 line, a VCONN fault condition is detected.
Note 3-1
This pin can be left unused only if Port 2 is
disabled or reconfigured to operate as a legacy
Type-A port via OTP/SMBus/SPI configuration.
Weak pull-
down to
GND
(Note 3-1)
DP2_VCONN2
I/O12
Port 2 VCONN2 enable. Active high signal.
0 = VCONN is turned off.
1 = VCONN is turned on. If DP2_VCONN2 is asserted and >3.0V is
not sensed on the CC2 line, a VCONN fault condition is detected.
Note 3-2
This pin can be left unused only if Port 2 is
disabled or reconfigured to operate as a legacy
Type-A port via OTP/SMBus/SPI configuration.
Weak pull-
down to
GND
(Note 3-2)
TABLE 3-6:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Function
Buffer
Type
Description
If Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com